Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 185Page - Texas Instruments AM3871 Datasheet HTML 186Page - Texas Instruments AM3871 Datasheet HTML 187Page - Texas Instruments AM3871 Datasheet HTML 188Page - Texas Instruments AM3871 Datasheet HTML 189Page - Texas Instruments AM3871 Datasheet HTML 190Page - Texas Instruments AM3871 Datasheet HTML 191Page - Texas Instruments AM3871 Datasheet HTML 192Page - Texas Instruments AM3871 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 345 page
background image
0111
0110
0100
0101
1011-1111
1010
1000
1001
0011
CLKOUT_MUX
CLKOUT0
RESERVED
RCOSC32K Output
PLL_SGX Output
ARM Cortex-A8 Functional Clock
AUX Clock
DEV Clock
PLL_L3 Output
PLL_MEDIACTL Output / 2
PLL_DSS Output / 2
0001
0010
0000
(A)
PCIE SERDES Observation Clock
SATA SERDES Observation Clock
PRCM SYSCLK Output
CLKOUT1
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
A.
Muxed output of PLL_VIDEO0, PLL_AUDIO, and RTCDIVIDER.
Figure 7-11. CLKOUTx Source Selection Logic
For detailed information on the CLKOUTx switching characteristics, see Table 7-18.
7.4.5
Input/Output Clocks Electrical Data/Timing
Note: If an external clock oscillator is used, a single clean power supply should be used to power both the
device and the external clock oscillator circuit.
Table 7-15. Timing Requirements for DEVOSC_MXI/DEV_CLKIN(1) (2) (3)(see Figure 7-12)
OPP100
NO.
UNIT
MIN
NOM
MAX
1
tc(DMXI)
Cycle time, DEVOSC_MXI/DEV_CLKIN
33.33
50
50
ns
2
tw(DMXIH)
Pulse duration, DEVOSC_MXI/DEV_CLKIN high
0.45C
0.55C
ns
3
tw(DMXIL)
Pulse duration, DEVOSC_MXI/DEV_CLKIN low
0.45C
0.55C
ns
4
tt(DMXI)
Transition time, DEVOSC_MXI/DEV_CLKIN
7
ns
5
tJ(DMXI)
Period jitter, DEVOSC_MXI/DEV_CLKIN
0.02C
ns
Frequency Stability
±50
ppm
(1)
The DEVOSC_MXI/DEV_CLKIN frequency and PLL settings should be chosen such that the resulting SYSCLKs and Module Clocks are
within the specific ranges shown in the Section 7.4.7, SYSCLKs and Section 7.4.8, Module Clocks.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
C = DEV_CLKIN cycle time in ns. For example, when DEVOSC_MXI/DEV_CLKIN frequency is 20 MHz, use C = 50 ns.
Copyright
© 2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
189
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com