Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 187 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 183Page - Texas Instruments AM3871 Datasheet HTML 184Page - Texas Instruments AM3871 Datasheet HTML 185Page - Texas Instruments AM3871 Datasheet HTML 186Page - Texas Instruments AM3871 Datasheet HTML 187Page - Texas Instruments AM3871 Datasheet HTML 188Page - Texas Instruments AM3871 Datasheet HTML 189Page - Texas Instruments AM3871 Datasheet HTML 190Page - Texas Instruments AM3871 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 345 page
background image
DEVOSC_MXI/
DEV_CLKIN
DEVOSC_MXO
NC
VSSA_DEVOSC
AUXOSC_MXI/
AUX_CLKIN
AUXOSC_MXO
NC
VSSA_AUXOSC
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
7.4.1.2
Using a 1.8V LVCMOS-Compatible Clock Input
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillators as the DEV and
AUX clock inputs to the system. The external connections to support this are shown in Figure 7-9 and
Figure 7-10. The DEV_CLKIN and AUX_CLKIN pins are connected to the 1.8-V LVCMOS-Compatible
clock sources. The DEV_MXO and AUX_MXO pins are left unconnected. The VSSA_DEVOSC and
VSSA_AUXOSC pins are connected to board ground (VSS).
Figure 7-9. 1.8-V LVCMOS-Compatible Clock Input (DEV_OSC)
Figure 7-10. 1.8-V LVCMOS-Compatible Clock Input (AUX_OSC)
The clock source must meet the DEVOSC_MXI/DEV_CLKIN timing requirements shown in Table 7-15,
Timing Requirements for DEVOSC_MXI/DEV_CLKIN.
The clock source must meet the AUXOSC_MXI/AUX_CLKIN timing requirements shown in Table 7-16,
Timing Requirements for AUXOSC_MXI/AUX_CLKIN.
7.4.2
SERDES_CLKN/P Input Clock
A high-quality, low-jitter differential clock source is required for the PCIE PHY and is an optional clock
source for the SATA PHY. The clock is required to be AC coupled to the device's SERDES_CLKP and
SERDES_CLKN pins according to the specifications in Table 7-13. Both the clock source and the coupling
capacitors should be placed physically as close to the processor as possible. In addition, make sure to
follow any PCB routing and termination recommendations that the clock source manufacturer
recommends.
Table 7-13. SERDES_CLKN/P AC Coupling Capacitors Recommendations
PARAMETER
MIN
TYP
MAX
UNIT
SERDES_CLKN/P AC coupling capacitor value
0.24
0.27
1.0
nF
Copyright
© 2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
187
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com