Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 128 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 124Page - Texas Instruments AM1802 Datasheet HTML 125Page - Texas Instruments AM1802 Datasheet HTML 126Page - Texas Instruments AM1802 Datasheet HTML 127Page - Texas Instruments AM1802 Datasheet HTML 128Page - Texas Instruments AM1802 Datasheet HTML 129Page - Texas Instruments AM1802 Datasheet HTML 130Page - Texas Instruments AM1802 Datasheet HTML 131Page - Texas Instruments AM1802 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Table 5-64. Additional(1) SPI1 Slave Timings, 4-Pin Chip Select Option(2)(3) (continued)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Polarity = 0, Phase = 0,
0.5M+P+4
0.5M+P+5
0.5M+P+6
from SPI1_CLK falling
Polarity = 0, Phase = 1,
P+4
P+5
P+6
from SPI1_CLK falling
Required delay from final SPI1_CLK edge
26
td(SPC_SCSH)S
ns
before SPI1_SCS is deasserted.
Polarity = 1, Phase = 0,
0.5M+P+4
0.5M+P+5
0.5M+P+6
from SPI1_CLK rising
Polarity = 1, Phase = 1,
P+4
P+5
P+6
from SPI1_CLK rising
27
tena(SCSL_SOMI)S
Delay from master asserting SPI1_SCS to slave driving SPI1_SOMI valid
P+15
P+17
P+19
ns
28
tdis(SCSH_SOMI)S
Delay from master deasserting SPI1_SCS to slave 3-stating SPI1_SOMI
P+15
P+17
P+19
ns
128
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com