Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 120Page - Texas Instruments AM1802 Datasheet HTML 121Page - Texas Instruments AM1802 Datasheet HTML 122Page - Texas Instruments AM1802 Datasheet HTML 123Page - Texas Instruments AM1802 Datasheet HTML 124Page - Texas Instruments AM1802 Datasheet HTML 125Page - Texas Instruments AM1802 Datasheet HTML 126Page - Texas Instruments AM1802 Datasheet HTML 127Page - Texas Instruments AM1802 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Table 5-59. General Timing Requirements for SPI1 Slave Modes(1)
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
9
tc(SPC)S
Cycle Time, SPI1_CLK, All Slave Modes
40(2)
50(2)
60(2)
ns
10
tw(SPCH)S
Pulse Width High, SPI1_CLK, All Slave Modes
18
22
27
ns
11
tw(SPCL)S
Pulse Width Low, SPI1_CLK, All Slave Modes
18
22
27
ns
Polarity = 0, Phase = 0,
2P
2P
2P
to SPI1_CLK rising
Polarity = 0, Phase = 1,
Setup time, transmit data
2P
2P
2P
to SPI1_CLK rising
written to SPI before initial
12
tsu(SOMI_SPC)S
ns
clock edge from
Polarity = 1, Phase = 0,
2P
2P
2P
master.(3) (4)
to SPI1_CLK falling
Polarity = 1, Phase = 1,
2P
2P
2P
to SPI1_CLK falling
Polarity = 0, Phase = 0,
15
17
19
from SPI1_CLK rising
Polarity = 0, Phase = 1,
15
17
19
Delay, subsequent bits valid
from SPI1_CLK falling
13
td(SPC_SOMI)S
on SPI1_SOMI after transmit
ns
Polarity = 1, Phase = 0,
edge of SPI1_CLK
15
17
19
from SPI1_CLK falling
Polarity = 1, Phase = 1,
15
17
19
from SPI1_CLK rising
Polarity = 0, Phase = 0,
0.5S-4
0.5S-10
0.5S-12
from SPI1_CLK falling
Polarity = 0, Phase = 1,
0.5S-4
0.5S-10
0.5S-12
Output hold time, SPI1_SOMI
from SPI1_CLK rising
14
toh(SPC_SOMI)S
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
0.5S-4
0.5S-10
0.5S-12
from SPI1_CLK rising
Polarity = 1, Phase = 1,
0.5S-4
0.5S-10
0.5S-12
from SPI1_CLK falling
Polarity = 0, Phase = 0,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase = 1,
1.5
1.5
1.5
Input Setup Time, SPI1_SIMO to SPI1_CLK rising
15
tsu(SIMO_SPC)S
valid before receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
1.5
1.5
1.5
to SPI1_CLK rising
Polarity = 1, Phase = 1,
1.5
1.5
1.5
to SPI1_CLK falling
Polarity = 0, Phase = 0,
4
5
6
from SPI1_CLK falling
Polarity = 0, Phase = 1,
4
5
6
Input Hold Time, SPI1_SIMO
from SPI1_CLK rising
16
tih(SPC_SIMO)S
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
4
5
6
from SPI1_CLK rising
Polarity = 1, Phase = 1,
4
5
6
from SPI1_CLK falling
(1)
P = SYSCLK2 period; S = tc(SPC)S (SPI slave bit clock period)
(2)
This timing is limited by the timing shown or 3P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPI1_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI1_SIMO.
(4)
Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus
cycles must be accounted for to allow data to be written to the SPI module by the CPU.
124
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com