Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 116Page - Texas Instruments AM1802 Datasheet HTML 117Page - Texas Instruments AM1802 Datasheet HTML 118Page - Texas Instruments AM1802 Datasheet HTML 119Page - Texas Instruments AM1802 Datasheet HTML 120Page - Texas Instruments AM1802 Datasheet HTML 121Page - Texas Instruments AM1802 Datasheet HTML 122Page - Texas Instruments AM1802 Datasheet HTML 123Page - Texas Instruments AM1802 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Table 5-54. Additional SPI0 Master Timings, 5-Pin Option (1)(2)(3) (continued)
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Polarity = 0, Phase = 0,
2P-2
2P-2
2P-3
to SPI0_CLK rising
Polarity = 0, Phase = 1,
0.5M+2P-2
0.5M+2P-2
0.5M+2P-3
to SPI0_CLK rising
Delay from SPI0_SCS active to
22
td(SCS_SPC)M
ns
first SPI0_CLK(7) (8) (9)
Polarity = 1, Phase = 0,
2P-2
2P-2
2P-3
to SPI0_CLK falling
Polarity = 1, Phase = 1,
0.5M+2P-2
0.5M+2P-2
0.5M+2P-3
to SPI0_CLK falling
Polarity = 0, Phase = 0,
3P+5
3P+5
3P+6
to SPI0_CLK rising
Polarity = 0, Phase = 1,
0.5M+3P+5
0.5M+3P+5
0.5M+3P+6
to SPI0_CLK rising
Delay from assertion of SPI0_ENA
23
td(ENA_SPC)M
ns
low to first SPI0_CLK edge.(10)
Polarity = 1, Phase = 0,
3P+5
3P+5
3P+6
to SPI0_CLK falling
Polarity = 1, Phase = 1,
0.5M+3P+5
0.5M+3P+5
0.5M+3P+6
to SPI0_CLK falling
(7)
If SPI0_ENA is asserted immediately such that the transmission is not delayed by SPI0_ENA.
(8)
In the case where the master SPI is ready with new data before SPI0_SCS assertion.
(9)
This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0].
(10) If SPI0_ENA was initially deasserted high and SPI0_CLK is delayed.
Table 5-55. Additional SPI0 Slave Timings, 4-Pin Enable Option (1)(2)(3)
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Polarity = 0, Phase = 0,
1.5P-3
2.5P+17.5
1.5P-3
2.5P+20
1.5P-3
2.5P+27
from SPI0_CLK falling
Polarity = 0, Phase = 1,
- 0.5M+1.5P-3
- 0.5M+2.5P+17.5
- 0.5M+1.5P-3
- 0.5M+2.5P+20
- 0.5M+1.5P-3
- 0.5M+2.5P+27
from SPI0_CLK falling
Delay from final SPI0_CLK edge
24
td(SPC_ENAH)S
ns
to slave deasserting SPI0_ENA.
Polarity = 1, Phase = 0,
1.5P-3
2.5P+17.5
1.5P-3
2.5P+20
1.5P-3
2.5P+27
from SPI0_CLK rising
Polarity = 1, Phase = 1,
- 0.5M+1.5P-3
- 0.5+2.5P+17.5
- 0.5M+1.5P-3
- 0.5+2.5P+20
- 0.5M+1.5P-3
- 0.5+2.5P+27
from SPI0_CLK rising
(1)
These parameters are in addition to the general timings for SPI slave modes (Table 5-51).
(2)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
120
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com