Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 113Page - Texas Instruments AM1802 Datasheet HTML 114Page - Texas Instruments AM1802 Datasheet HTML 115Page - Texas Instruments AM1802 Datasheet HTML 116Page - Texas Instruments AM1802 Datasheet HTML 117Page - Texas Instruments AM1802 Datasheet HTML 118Page - Texas Instruments AM1802 Datasheet HTML 119Page - Texas Instruments AM1802 Datasheet HTML 120Page - Texas Instruments AM1802 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
Table 5-51. General Timing Requirements for SPI0 Slave Modes(1)
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
9
tc(SPC)S
Cycle Time, SPI0_CLK, All Slave Modes
40(2)
50(2)
60(2)
ns
10
tw(SPCH)S
Pulse Width High, SPI0_CLK, All Slave Modes
18
22
27
ns
11
tw(SPCL)S
Pulse Width Low, SPI0_CLK, All Slave Modes
18
22
27
ns
Polarity = 0, Phase = 0,
2P
2P
2P
to SPI0_CLK rising
Polarity = 0, Phase = 1,
Setup time, transmit data
2P
2P
2P
to SPI0_CLK rising
written to SPI before initial
12
tsu(SOMI_SPC)S
ns
clock edge from
Polarity = 1, Phase = 0,
2P
2P
2P
master.(3) (4)
to SPI0_CLK falling
Polarity = 1, Phase = 1,
2P
2P
2P
to SPI0_CLK falling
Polarity = 0, Phase = 0,
17
20
27
from SPI0_CLK rising
Polarity = 0, Phase = 1,
17
20
27
Delay, subsequent bits valid from SPI0_CLK falling
13
td(SPC_SOMI)S
on SPI0_SOMI after
ns
Polarity = 1, Phase = 0,
transmit edge of SPI0_CLK
17
20
27
from SPI0_CLK falling
Polarity = 1, Phase = 1,
17
20
27
from SPI0_CLK rising
Polarity = 0, Phase = 0,
0.5S-6
0.5S-16
0.5S-20
from SPI0_CLK falling
Polarity = 0, Phase = 1,
0.5S-6
0.5S-16
0.5S-20
Output hold time,
from SPI0_CLK rising
14
toh(SPC_SOMI)S SPI0_SOMI valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
0.5S-6
0.5S-16
0.5S-20
from SPI0_CLK rising
Polarity = 1, Phase = 1,
0.5S-6
0.5S-16
0.5S-20
from SPI0_CLK falling
Polarity = 0, Phase = 0,
1.5
1.5
1.5
to SPI0_CLK falling
Polarity = 0, Phase = 1,
1.5
1.5
1.5
Input Setup Time,
to SPI0_CLK rising
15
tsu(SIMO_SPC)S SPI0_SIMO valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
1.5
1.5
1.5
to SPI0_CLK rising
Polarity = 1, Phase = 1,
1.5
1.5
1.5
to SPI0_CLK falling
Polarity = 0, Phase = 0,
4
4
5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
4
4
5
Input Hold Time,
from SPI0_CLK rising
16
tih(SPC_SIMO)S
SPI0_SIMO valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI0_CLK
4
4
5
from SPI0_CLK rising
Polarity = 1, Phase = 1,
4
4
5
from SPI0_CLK falling
(1)
P = SYSCLK2 period; S = tc(SPC)S (SPI slave bit clock period)
(2)
This timing is limited by the timing shown or 3P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPI0_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI0_SIMO.
(4)
Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus
cycles must be accounted for to allow data to be written to the SPI module by the CPU.
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
117
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com