Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 112Page - Texas Instruments AM1802 Datasheet HTML 113Page - Texas Instruments AM1802 Datasheet HTML 114Page - Texas Instruments AM1802 Datasheet HTML 115Page - Texas Instruments AM1802 Datasheet HTML 116Page - Texas Instruments AM1802 Datasheet HTML 117Page - Texas Instruments AM1802 Datasheet HTML 118Page - Texas Instruments AM1802 Datasheet HTML 119Page - Texas Instruments AM1802 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
5.15.2 SPI Electrical Data/Timing
5.15.2.1 Serial Peripheral Interface (SPI) Timing
Table 5-50 through Table 5-65 assume testing over recommended operating conditions (see Figure 5-33
through Figure 5-36).
Table 5-50. General Timing Requirements for SPI0 Master Modes(1)
1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(SPC)M
Cycle Time, SPI0_CLK, All Master Modes
20(2)
256P
30(2)
256P
40(2)
256P
ns
2
tw(SPCH)M
Pulse Width High, SPI0_CLK, All Master Modes
0.5M-1
0.5M-1
0.5M-1
ns
3
tw(SPCL)M
Pulse Width Low, SPI0_CLK, All Master Modes
0.5M-1
0.5M-1
0.5M-1
ns
Polarity = 0, Phase = 0,
5
5
6
to SPI0_CLK rising
Polarity = 0, Phase = 1,
-0.5M+5
-0.5M+5
-0.5M+6
Delay, initial data bit valid on
to SPI0_CLK rising
4
td(SIMO_SPC)M
SPI0_SIMO after initial edge
ns
Polarity = 1, Phase = 0,
on SPI0_CLK(3)
5
5
6
to SPI0_CLK falling
Polarity = 1, Phase = 1,
-0.5M+5
-0.5M+5
-0.5M+6
to SPI0_CLK falling
Polarity = 0, Phase = 0,
5
5
6
from SPI0_CLK rising
Polarity = 0, Phase = 1,
5
5
6
Delay, subsequent bits valid
from SPI0_CLK falling
5
td(SPC_SIMO)M
on SPI0_SIMO after transmit
ns
Polarity = 1, Phase = 0,
edge of SPI0_CLK
5
5
6
from SPI0_CLK falling
Polarity = 1, Phase = 1,
5
5
6
from SPI0_CLK rising
Polarity = 0, Phase = 0,
0.5M-3
0.5M-3
0.5M-3
from SPI0_CLK falling
Polarity = 0, Phase = 1,
0.5M-3
0.5M-3
0.5M-3
Output hold time, SPI0_SIMO
from SPI0_CLK rising
6
toh(SPC_SIMO)M
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI0_CLK
0.5M-3
0.5M-3
0.5M-3
from SPI0_CLK rising
Polarity = 1, Phase = 1,
0.5M-3
0.5M-3
0.5M-3
from SPI0_CLK falling
Polarity = 0, Phase = 0,
1.5
1.5
1.5
to SPI0_CLK falling
Polarity = 0, Phase = 1,
1.5
1.5
1.5
Input Setup Time, SPI0_SOMI
to SPI0_CLK rising
7
tsu(SOMI_SPC)M
valid before receive edge of
ns
Polarity = 1, Phase = 0,
SPI0_CLK
1.5
1.5
1.5
to SPI0_CLK rising
Polarity = 1, Phase = 1,
1.5
1.5
1.5
to SPI0_CLK falling
Polarity = 0, Phase = 0,
4
4
5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
4
4
5
Input Hold Time, SPI0_SOMI
from SPI0_CLK rising
8
tih(SPC_SOMI)M
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI0_CLK
4
4
5
from SPI0_CLK rising
Polarity = 1, Phase = 1,
4
4
5
from SPI0_CLK falling
(1)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(2)
This timing is limited by the timing shown or 3P, whichever is greater.
(3)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPI0_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI0_SOMI.
116
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com