Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 147Page - Texas Instruments AM1802 Datasheet HTML 148Page - Texas Instruments AM1802 Datasheet HTML 149Page - Texas Instruments AM1802 Datasheet HTML 150Page - Texas Instruments AM1802 Datasheet HTML 151Page - Texas Instruments AM1802 Datasheet HTML 152Page - Texas Instruments AM1802 Datasheet HTML 153Page - Texas Instruments AM1802 Datasheet HTML 154Page - Texas Instruments AM1802 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 180 page
background image
MII_RXCLK
2
3
1
MII_TXCLK
2
3
1
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
Table 5-77. EMAC Control Module RAM
BYTE ADDRESS
DESCRIPTION
0x01E2 0000 - 0x01E2 1FFF
EMAC Local Buffer Descriptor Memory
5.19.1.1
EMAC Electrical Data/Timing
Table 5-78. Timing Requirements for MII_RXCLK (see Figure 5-42)
1.2V, 1.1V
1.0V
NO.
10 Mbps
100 Mbps
10 Mbps
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MII_RXCLK)
Cycle time, MII_RXCLK
400
40
400
ns
2
tw(MII_RXCLKH)
Pulse duration, MII_RXCLK high
140
14
140
ns
3
tw(MII_RXCLKL)
Pulse duration, MII_RXCLK low
140
14
140
ns
Figure 5-42. MII_RXCLK Timing (EMAC - Receive)
Table 5-79. Timing Requirements for MII_TXCLK (see Figure 5-43)
1.2V, 1.1V
1.0V
NO.
PARAMETER
10 Mbps
100 Mbps
10 Mbps
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MII_TXCLK)
Cycle time, MII_TXCLK
400
40
400
ns
2
tw(MII_TXCLKH)
Pulse duration, MII_TXCLK high
140
14
140
ns
3
tw(MII_TXCLKL)
Pulse duration, MII_TXCLK low
140
14
140
ns
Figure 5-43. MII_TXCLK Timing (EMAC - Transmit)
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
151
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com