Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 149Page - Texas Instruments AM1802 Datasheet HTML 150Page - Texas Instruments AM1802 Datasheet HTML 151Page - Texas Instruments AM1802 Datasheet HTML 152Page - Texas Instruments AM1802 Datasheet HTML 153Page - Texas Instruments AM1802 Datasheet HTML 154Page - Texas Instruments AM1802 Datasheet HTML 155Page - Texas Instruments AM1802 Datasheet HTML 156Page - Texas Instruments AM1802 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 180 page
background image
RMII_MHz_50_CLK
RMII_TXEN
RMII_TXD[1:0]
RMII_RXD[1:0]
RMII_CRS_DV
RMII_RXER
1
2
3
5
5
4
6
7
8
9
10
11
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
Table 5-82. Timing Requirements for EMAC RMII
1.2V, 1.1V(1)
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tc(REFCLK)
Cycle Time, RMII_MHZ_50_CLK(2)
20
ns
2
tw(REFCLKH)
Pulse Width, RMII_MHZ_50_CLK High
7
13
ns
3
tw(REFCLKL)
Pulse Width, RMII_MHZ_50_CLK Low
7
13
ns
6
tsu(RXD-REFCLK)
Input Setup Time, RXD Valid before RMII_MHZ_50_CLK High
4
ns
7
th(REFCLK-RXD)
Input Hold Time, RXD Valid after RMII_MHZ_50_CLK High
2
ns
8
tsu(CRSDV-REFCLK)
Input Setup Time, CRSDV Valid before RMII_MHZ_50_CLK High
4
ns
9
th(REFCLK-CRSDV)
Input Hold Time, CRSDV Valid after RMII_MHZ_50_CLK High
2
ns
10
tsu(RXER-REFCLK)
Input Setup Time, RXER Valid before RMII_MHZ_50_CLK High
4
ns
11
th(REFCLKR-RXER)
Input Hold Time, RXER Valid after RMII_MHZ_50_CLK High
2
ns
(1)
RMII is not supported at operating points below 1.1V nominal.
(2)
Per the RMII industry specification, the RMII reference clock (RMII_MHZ_50_CLK) must have jitter tolerance of 50 ppm or less.
Table 5-83. Switching Characteristics Over Recommended Operating Conditions for EMAC RMII
1.2V, 1.1V(1)
NO.
PARAMETER
UNIT
MIN
TYP
MAX
4
td(REFCLK-TXD)
Output Delay Time, RMII_MHZ_50_CLK High to TXD Valid
2.5
13
ns
5
td(REFCLK-TXEN)
Output Delay Time, RMII_MHZ_50_CLK High to TXEN Valid
2.5
13
ns
(1)
RMII is not supported at operating points below 1.1V nominal.
Figure 5-46. RMII Timing Diagram
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
153
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com