Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 34 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 34 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 30Page - Texas Instruments RM48L930 Datasheet HTML 31Page - Texas Instruments RM48L930 Datasheet HTML 32Page - Texas Instruments RM48L930 Datasheet HTML 33Page - Texas Instruments RM48L930 Datasheet HTML 34Page - Texas Instruments RM48L930 Datasheet HTML 35Page - Texas Instruments RM48L930 Datasheet HTML 36Page - Texas Instruments RM48L930 Datasheet HTML 37Page - Texas Instruments RM48L930 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
2.4.2.16 Test and Debug Modules Interface
Table 2-35. ZWT Test and Debug Modules Interface
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
TEST
U2
I/O
Pull Down
Fixed, 100uA
Test enable
nTRST
D18
Input
JTAG test hardware reset
RTCK
A16
Output
-
-
JTAG return test clock
TCK
B18
Input
Pull Down
Fixed, 100uA
JTAG test clock
TDI
A17
I/O
Pull Up
JTAG test data in
TDO
C18
I/O
Pull Down
JTAG test data out
TMS
C19
I/O
Pull Up
JTAG test select
2.4.2.17 Flash Supply and Test Pads
Table 2-36. ZWT Flash Supply and Test Pads
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
VCCP
F8
Input
-
-
Flash pump supply
FLTP1
J5
Flash test pads. These
terminals are reserved for
FLTP2
H5
TI use only. For proper
operation these terminals
must connect only to a
test pad or not be
connected at all [no
connect (NC)].
34
Device Package and Terminal Functions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com