Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 53 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 53 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 49Page - Texas Instruments RM48L930 Datasheet HTML 50Page - Texas Instruments RM48L930 Datasheet HTML 51Page - Texas Instruments RM48L930 Datasheet HTML 52Page - Texas Instruments RM48L930 Datasheet HTML 53Page - Texas Instruments RM48L930 Datasheet HTML 54Page - Texas Instruments RM48L930 Datasheet HTML 55Page - Texas Instruments RM48L930 Datasheet HTML 56Page - Texas Instruments RM48L930 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.5.6.1
Application Sequence for CPU Self-Test
1. Configure clock domain frequencies.
2. Select number of test intervals to be run.
3. Configure the timeout period for the self-test run.
4. Enable self-test.
5. Wait for CPU reset.
6. In the reset handler, read CPU self-test status to identify any failures.
7. Retrieve CPU state if required.
For more information see the RM48x Technical Reference Manual (SPNU481).
4.5.6.2
CPU Self-Test Clock Configuration
The maximum clock rate for the self-test is 100MHz. The STCCLK is divided down from the CPU clock.
This divider is configured by the STCCLKDIV register at address 0xFFFFE108.
For more information see the RM48x Technical Reference Manual (SPNU481).
4.5.6.3
CPU Self-Test Coverage
Table 4-7 shows CPU test coverage achieved for each self-test interval. It also lists the cumulative test
cycles. The test time can be calculated by multiplying the number of test cycles with the STC clock period.
Table 4-7. CPU Self-Test Coverage
INTERVALS
TEST COVERAGE, %
TEST CYCLES
0
0
0
1
62.13
1365
2
70.09
2730
3
74.49
4095
4
77.28
5460
5
79.28
6825
6
80.90
8190
7
82.02
9555
8
83.10
10920
9
84.08
12285
10
84.87
13650
11
85.59
15015
12
86.11
16380
13
86.67
17745
14
87.16
19110
15
87.61
20475
16
87.98
21840
17
88.38
23205
18
88.69
24570
19
88.98
25935
20
89.28
27300
21
89.50
28665
22
89.76
30030
23
90.01
31395
24
90.21
32760
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
53
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com