Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 41 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 41 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 37Page - Texas Instruments RM48L930 Datasheet HTML 38Page - Texas Instruments RM48L930 Datasheet HTML 39Page - Texas Instruments RM48L930 Datasheet HTML 40Page - Texas Instruments RM48L930 Datasheet HTML 41Page - Texas Instruments RM48L930 Datasheet HTML 42Page - Texas Instruments RM48L930 Datasheet HTML 43Page - Texas Instruments RM48L930 Datasheet HTML 44Page - Texas Instruments RM48L930 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
3.5
Power Consumption Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fHCLK = 200MHz
VCC digital supply current (operating mode)
mA
fVCLK
=
100MHz,
Flash
in
pipelined
mode, VCCmax
ICC
LBIST clock rate =
VCC Digital supply current (LBIST mode)
mA
100MHz
Peak
PBIST ROM clock
TBD
VCC Digital supply current
mA
frequency = 100MHz
(PBIST mode)
RMS
ICCPLL
VCCPLL digital supply current (operating mode)
VCCPLL = VCCPLLmax
10
mA
ICCIO
VCCIO Digital supply current (operating mode.
No DC load, VCCmax
15
mA
Single ADC
15
operational,
VCCADmax
ICCAD
VCCAD supply current (operating mode)
mA
Both ADCs
30
operational,
VCCADmax
Single ADC
5
operational,
ADREFHImax
ICCREFHI
ADREFHI supply current (operating mode)
mA
Both ADCs
10
operational,
ADREFHImax
read operation
34
VCCPmax
program, VCCPmax
37
read from 1 bank
55
ICCP
VCCP pump supply current
mA
and program
another bank,
VCCPmax
erase, VCCPmax
27
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
41
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com