Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 98 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 98 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 94Page - Texas Instruments RM48L930 Datasheet HTML 95Page - Texas Instruments RM48L930 Datasheet HTML 96Page - Texas Instruments RM48L930 Datasheet HTML 97Page - Texas Instruments RM48L930 Datasheet HTML 98Page - Texas Instruments RM48L930 Datasheet HTML 99Page - Texas Instruments RM48L930 Datasheet HTML 100Page - Texas Instruments RM48L930 Datasheet HTML 101Page - Texas Instruments RM48L930 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
Table 4-36. Reset/Abort/Error Sources (continued)
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
group.channel
Memory parity error
User/Privilege
ESM
1.8
HET TU2 (HTU2)
NCNB (Strongly Ordered) transaction with slave error response
User/Privilege
Interrupt =
> VIM
n/a
External imprecise error (Illegal transaction with ok response)
User/Privilege
Interrupt =
> VIM
n/a
Memory access permission violation
User/Privilege
ESM
1.9
Memory parity error
User/Privilege
ESM
1.8
N2HET
Memory parity error
User/Privilege
ESM
1.7
N2HET2
Memory parity error
User/Privilege
ESM
1.7
MIBSPI
MibSPI1 memory parity error
User/Privilege
ESM
1.17
MibSPI3 memory parity error
User/Privilege
ESM
1.18
MibSPI5 memory parity error
User/Privilege
ESM
1.24
MIBADC
MibADC Memory parity error
User/Privilege
ESM
1.19
MibADC2 Memory parity error
User/Privilege
ESM
1.1
DCAN
DCAN1 memory parity error
User/Privilege
ESM
1.21
DCAN2 memory parity error
User/Privilege
ESM
1.23
DCAN3 memory parity error
User/Privilege
ESM
1.22
PLL
PLL slip error
User/Privilege
ESM
1.10
PLL #2 slip error
User/Privilege
ESM
1.42
CLOCK MONITOR
Clock monitor interrupt
User/Privilege
ESM
1.11
DCC
DCC1 error
User/Privilege
ESM
1.30
DCC2 error
User/Privilege
ESM
1.62
CCM-R4
Self test failure
User/Privilege
ESM
1.31
Compare failure
User/Privilege
ESM =
> NMI
2.2
VIM
Memory parity error
User/Privilege
ESM
1.15
VOLTAGE MONITOR
VMON out of voltage range
n/a
Reset
n/a
CPU SELFTEST (LBIST)
CPU Selftest (LBIST) error
User/Privilege
ESM
1.27
PIN MULTIPLEXING CONTROL
Mux configuration error
User/Privilege
ESM
1.37
POWER DOMAIN CONTROL
PSCON compare error
User/Privilege
ESM
1.38
PSCON self-test error
User/Privilege
ESM
1.39
eFuse Controller
eFuse Controller error
User/Privilege
ESM
3.1
eFuse Controller - Any bit set in the error status register
User/Privilege
ESM
1.40
eFuse Controller self-test error
User/Privilege
ESM
1.41
98
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com