Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 97 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 97 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 93Page - Texas Instruments RM48L930 Datasheet HTML 94Page - Texas Instruments RM48L930 Datasheet HTML 95Page - Texas Instruments RM48L930 Datasheet HTML 96Page - Texas Instruments RM48L930 Datasheet HTML 97Page - Texas Instruments RM48L930 Datasheet HTML 98Page - Texas Instruments RM48L930 Datasheet HTML 99Page - Texas Instruments RM48L930 Datasheet HTML 100Page - Texas Instruments RM48L930 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.19 Reset / Abort / Error Sources
Table 4-36. Reset/Abort/Error Sources
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
group.channel
CPU TRANSACTIONS
Precise write error (NCNB/Strongly Ordered)
User/Privilege
Precise Abort (CPU)
n/a
Precise read error (NCB/Device or Normal)
User/Privilege
Precise Abort (CPU)
n/a
Imprecise write error (NCB/Device or Normal)
User/Privilege
Imprecise Abort (CPU)
n/a
Undefined Instruction Trap
Illegal instruction
User/Privilege
n/a
(CPU)(1)
MPU access violation
User/Privilege
Abort (CPU)
n/a
SRAM
B0 TCM (even) ECC single error (correctable)
User/Privilege
ESM
1.26
Abort (CPU), ESM =
>
B0 TCM (even) ECC double error (non-correctable)
User/Privilege
3.3
nERROR
B0 TCM (even) uncorrectable error (i.e. redundant address
User/Privilege
ESM =
> NMI
2.6
decode)
B0 TCM (even) address bus parity error
User/Privilege
ESM =
> NMI
2.10
B1 TCM (odd) ECC single error (correctable)
User/Privilege
ESM
1.28
Abort (CPU), ESM =
>
B1 TCM (odd) ECC double error (non-correctable)
User/Privilege
3.5
nERROR
B1 TCM (odd) uncorrectable error (i.e. redundant address
User/Privilege
ESM =
> NMI
2.8
decode)
B1 TCM (odd) address bus parity error
User/Privilege
ESM =
> NMI
2.12
FLASH
FMC correctable error - Bus1 and Bus2 interfaces
User/Privilege
ESM
1.6
FMC uncorrectable error - Bus1 accesses
Abort (CPU), ESM =
>
User/Privilege
3.7
(does not include address parity error)
nERROR
FMC uncorrectable error - Bus2 accesses
(does not include address parity error and EEPROM bank
User/Privilege
ESM =
> nERROR
3.7
accesses)
FMC uncorrectable error - address parity error on Bus1
User/Privilege
ESM =
> NMI
2.4
accesses
FMC correctable error - Accesses to EEPROM bank
User/Privilege
ESM
1.35
FMC uncorrectable error - Accesses to EEPROM bank
User/Privilege
ESM
1.36
DMA TRANSACTIONS
External imprecise error on read (Illegal transaction with ok
User/Privilege
ESM
1.5
response)
External imprecise error on write (Illegal transaction with ok
User/Privilege
ESM
1.13
response)
Memory access permission violation
User/Privilege
ESM
1.2
Memory parity error
User/Privilege
ESM
1.3
DMM TRANSACTIONS
External imprecise error on read (Illegal transaction with ok
User/Privilege
ESM
1.5
response)
External imprecise error on write (Illegal transaction with ok
User/Privilege
ESM
1.13
response)
HET TU (HTU)
NCNB (Strongly Ordered) transaction with slave error response
User/Privilege
Interrupt =
> VIM
n/a
External imprecise error (Illegal transaction with ok response)
User/Privilege
Interrupt =
> VIM
n/a
Memory access permission violation
User/Privilege
ESM
1.9
(1)
The Undefined Instruction TRAP is NOT detectable outside the CPU. The trap is taken only if the instruction reaches the execute stage
of the CPU.
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
97
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com