Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 6 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 6 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 2Page - Texas Instruments RM48L930 Datasheet HTML 3Page - Texas Instruments RM48L930 Datasheet HTML 4Page - Texas Instruments RM48L930 Datasheet HTML 5Page - Texas Instruments RM48L930 Datasheet HTML 6Page - Texas Instruments RM48L930 Datasheet HTML 7Page - Texas Instruments RM48L930 Datasheet HTML 8Page - Texas Instruments RM48L930 Datasheet HTML 9Page - Texas Instruments RM48L930 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
1
RM48Lx30 16/32-Bit RISC Flash Microcontroller
4.5
ARM© Cortex-R4F
™ CPU Information
............. 51
............................................................... 1
4.6
Clocks
.............................................. 54
1.1
Features
.............................................. 1
4.7
Clock Monitoring
.................................... 62
1.2
Applications
.......................................... 2
4.8
Glitch Filters
........................................ 64
4.9
Device Memory Map
................................ 65
1.3
Description
........................................... 3
4.10
Flash Memory
...................................... 72
1.4
Functional Block Diagram
............................ 5
4.11
Tightly-Coupled RAM Interface Module
............ 75
1.1
Device Configuration
................................. 7
4.12
Parity Protection for Accesses to peripheral RAMs
2
Device Package and Terminal Functions
......... 10
...................................................... 75
2.2
PGE QFP Package Pinout (144-Pin)
............... 10
4.13
On-Chip SRAM Initialization and Testing
........... 77
2.3
ZWT BGA Package Ball-Map (337 Ball Grid Array)
4.14
External Memory Interface (EMIF)
................. 79
...................................................... 11
4.15
Vectored Interrupt Manager
........................ 86
2.4
Terminal Functions
................................. 12
4.16
DMA Controller
..................................... 89
3
Device Operating Conditions
....................... 39
4.17
Real Time Interrupt Module
........................ 91
3.1
Absolute Maximum Ratings Over Operating
4.18
Error Signaling Module
............................. 93
Free-Air Temperature Range,
...................... 39
4.19
Reset / Abort / Error Sources
....................... 97
3.2
Device Recommended Operating Conditions
...... 39
4.20
Digital Windowed Watchdog
........................ 99
3.3
Switching Characteristics over Recommended
4.21
Debug Subsystem
................................. 100
Operating Conditions for Clock Domains
........... 40
5
Peripheral Information and Electrical
3.4
Wait States Required
............................... 40
Specifications
......................................... 111
3.5
Power Consumption Over Recommended
5.1
Peripheral Legend
................................. 111
Operating Conditions
............................... 41
5.2
Multi-Buffered 12bit Analog-to-Digital Converter
3.6
Input/Output Electrical Characteristics Over
..................................................... 111
Recommended Operating Conditions
.............. 42
5.3
General-Purpose Input/Output
.................... 120
3.7
Output Buffer Drive Strengths
...................... 42
5.4
Enhanced High-End Timer (N2HET)
.............. 121
3.8
Input Timings
....................................... 43
5.5
Controller Area Network (DCAN)
.................. 125
3.9
Output Timings
..................................... 43
5.6
Local Interconnect Network Interface (LIN)
....... 126
3.10
Low-EMI Output Buffers
............................ 45
5.7
Serial Communication Interface (SCI)
............ 127
4
System Information and Electrical Specifications
5.8
Inter-Integrated Circuit (I2C)
...................... 128
............................................................. 46
5.9
Multi-Buffered / Standard Serial Peripheral Interface
..................................................... 131
4.1
Device Power Domains
............................. 46
6
Mechanical Data
...................................... 143
4.2
Voltage Monitor Characteristics
.................... 47
6.1
Thermal Data
...................................... 143
4.3
Power Sequencing and Power On Reset
.......... 48
6.2
Packaging Information
............................ 143
4.4
Warm Reset (nRST)
................................ 50
6
Contents
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com