Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 1 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 1 Page - Texas Instruments

  RM48L930 Datasheet HTML 1Page - Texas Instruments RM48L930 Datasheet HTML 2Page - Texas Instruments RM48L930 Datasheet HTML 3Page - Texas Instruments RM48L930 Datasheet HTML 4Page - Texas Instruments RM48L930 Datasheet HTML 5Page - Texas Instruments RM48L930 Datasheet HTML 6Page - Texas Instruments RM48L930 Datasheet HTML 7Page - Texas Instruments RM48L930 Datasheet HTML 8Page - Texas Instruments RM48L930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
RM48Lx30 16/32-Bit RISC Flash Microcontroller
1
RM48Lx30 16/32-Bit RISC Flash Microcontroller
1.1
Features
1
• High-Performance Microcontroller for Safety
• Multiple Communication Interfaces
Critical Applications
– USB
– Dual CPU’s running in lockstep
•
2-port USB Specification, revision
– ECC on flash and RAM interfaces
2.0-compatible host controller, based on
the OHCI Specification for USB, release
– Built-In Self Test for CPU and on-chip RAMs
1.0
– Error Signaling Module with Error Pin
•
One full-speed USB device compatible
– Voltage and Clock Monitoring
with the USB Specification, revision 2.0
• ARM® Cortex™ – R4F 32-bit RISC CPU
and USB Specification, revision 1.1
– Efficient 1.6DMIPS/MHz with 8-stage pipeline
– Three CAN Controllers (DCAN)
– Floating-Point Unit with Single/Double
•
64 mailboxes with parity protection each
Precision
•
Compliant to CAN protocol version 2.0B
– 12-Region Memory Protection Unit
– Inter-Integrated Circuit (I2C)
– Open Architecture with 3rd Party Support
– Three Multi-buffered Serial Peripheral
• Operating Conditions
Interfaces (MibSPI)
– Up to 200MHz System Clock
•
128 Words with Parity Protection each
– Core Supply Voltage (VCC): 1.2V nominal
– Two Standard Serial Peripheral Interfaces
– I/O Supply Voltage (VCCIO): 3.3V nominal
(SPI)
• Integrated Memory
– Local Interconnect Network Interface (LIN)
– Up to 3MB Program Flash with ECC
Controller
– Up to 256KB RAM with ECC
•
Compliant to LIN protocol version 2.1
– 64KB Flash for emulated EEPROM
– Standard Serial Communication Interface
• 16- bit External Memory Interface
(SCI)
• Common Platform Architecture
• Two High-End Timer Modules (N2HET)
– Consistent memory map across family
– N2HET1: 32 programmable channels
– Real-Time Interrupt Timer (RTI) OS Timer
– N2HET2: 20 programmable channels
– 96-channel Vectored Interrupt Module (VIM)
– 160 Word Instruction RAM with parity
protection each
– 2-channel Cyclic Redundancy Checker (CRC)
– Each includes Hardware Angle Generator
• Direct Memory Access (DMA) Controller
– Dedicated Transfer Unit for each N2HET
– 16 Channels and 32 Control Packets
(HTU)
– Parity protection for control packet RAM
• Two 10/12-bit Multi-Buffered ADC Modules
– DMA Accesses Protected by Dedicated MPU
– ADC1: 24 channels
• Frequency-Modulated Phase-Locked-Loop
– ADC2: 16 channels
(FMPLL) with Built-In Slip Detector
– 16 shared channels
• Separate Non-Modulating PLL
– 64 result buffers with parity protection each
• IEEE 1149.1 JTAG, Boundary Scan and ARM
CoreSight Components
• Packages
• JTAG Security Module
– 144-pin Quad Flatpack (PGE) [Green]
• Trace and Calibration Capabilities
– 337-Ball Grid Array (ZWT) [Green]
– Embedded Trace Macrocell (ETM-R4)
– Data Modification Module (DMM)
– RAM Trace Port (RTP)
– Parameter Overlay Module (POM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - RM48L930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
8Mb / 172P
RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L930DPGET TI1-RM48L930DPGET Datasheet
8Mb / 172P
RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L930DZWTT TI1-RM48L930DZWTT Datasheet
8Mb / 172P
RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
RM48L930 TI1-RM48L930_15 Datasheet
8Mb / 172P
RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
16/32-Bit RISC Flash Microcontroller
RM48L930 TI1-RM48L930_15 Datasheet
8Mb / 172P
RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com