Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 89 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 89 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 85Page - Texas Instruments RM48L930 Datasheet HTML 86Page - Texas Instruments RM48L930 Datasheet HTML 87Page - Texas Instruments RM48L930 Datasheet HTML 88Page - Texas Instruments RM48L930 Datasheet HTML 89Page - Texas Instruments RM48L930 Datasheet HTML 90Page - Texas Instruments RM48L930 Datasheet HTML 91Page - Texas Instruments RM48L930 Datasheet HTML 92Page - Texas Instruments RM48L930 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.16 DMA Controller
The DMA controller is used to transfer data between two locations in the memory map in the background
of CPU operations. Typically, the DMA is used to:
•
Transfer blocks of data between external and internal data memories
•
Restructure portions of internal data memory
•
Continually service a peripheral
4.16.1 DMA Features
•
CPU independent data transfer
•
One master port - PortB (64 bits wide) that interfaces to the RM4x Memory System.
•
FIFO buffer(4 entries deep and each 64bit wide)
•
Channel control information is stored in RAM protected by parity
•
16 channels with individual enable
•
Channel chaining capability
•
32 peripheral DMA requests
•
Hardware and Software DMA requests
•
8, 16, 32 or 64-bit transactions supported
•
Multiple addressing modes for source/destination (fixed, increment, offset)
•
Auto-initiation
•
Power-management mode
•
Memory Protection with four configurable memory regions
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
89
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com