Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 51 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 51 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 47Page - Texas Instruments RM48L930 Datasheet HTML 48Page - Texas Instruments RM48L930 Datasheet HTML 49Page - Texas Instruments RM48L930 Datasheet HTML 50Page - Texas Instruments RM48L930 Datasheet HTML 51Page - Texas Instruments RM48L930 Datasheet HTML 52Page - Texas Instruments RM48L930 Datasheet HTML 53Page - Texas Instruments RM48L930 Datasheet HTML 54Page - Texas Instruments RM48L930 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 147 page
background image
North
Flip West
F
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.5
ARM
© Cortex-R4F™ CPU Information
4.5.1
Summary of ARM Cortex-R4F
™ CPU Features
The features of the ARM Cortex-R4F
™ CPU include:
•
An integer unit with integral EmbeddedICE-RT logic.
•
High-speed Advanced Microprocessor Bus Architecture (AMBA) Advanced eXtensible Interfaces (AXI)
for Level two (L2) master and slave interfaces.
•
Floating Point Coprocessor
•
Dynamic branch prediction with a global history buffer, and a 4-entry return stack
•
Low interrupt latency.
•
Non-maskable interrupt.
•
A Harvard Level one (L1) memory system with:
– Tightly-Coupled Memory (TCM) interfaces with support for error correction or parity checking
memories
– ARMv7-R architecture Memory Protection Unit (MPU) with 12 regions
•
Dual core logic for fault detection in safety-critical applications.
•
An L2 memory interface:
– Single 64-bit master AXI interface
– 64-bit slave AXI interface to TCM RAM blocks
•
A debug interface to a CoreSight Debug Access Port (DAP).
•
A trace interface to a CoreSight ETM-R4.
•
A Performance Monitoring Unit (PMU).
•
A Vectored Interrupt Controller (VIC) port.
For more information on the ARM Cortex-R4F
™ CPU please see www.arm.com.
4.5.2
ARM Cortex-R4F
™ CPU Features Enabled by Software
The following CPU features are disabled on reset and must be enabled by the application if required.
•
ECC On Tightly-Coupled Memory (TCM) Accesses
•
Harware Vectored Interrupt (VIC) Port
•
Floating Point Coprocessor
•
Memory Protection Unit (MPU)
4.5.3
Dual Core Implementation
The device has two Cortex-R4F cores, where the output signals of both CPUs are compared in the
CCM-R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed by 2
clock cycles as shown in Figure 4-3.
The CPUs have a diverse CPU placement given by following requirements:
•
different orientation; e.g. CPU1 = "north" orientation, CPU2 = "flip west" orientation
•
dedicated guard ring for each CPU
Figure 4-2. Dual - CPU Orientation
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
51
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com