Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 61 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 61 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 57Page - Texas Instruments RM48L930 Datasheet HTML 58Page - Texas Instruments RM48L930 Datasheet HTML 59Page - Texas Instruments RM48L930 Datasheet HTML 60Page - Texas Instruments RM48L930 Datasheet HTML 61Page - Texas Instruments RM48L930 Datasheet HTML 62Page - Texas Instruments RM48L930 Datasheet HTML 63Page - Texas Instruments RM48L930 Datasheet HTML 64Page - Texas Instruments RM48L930 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
4.6.3
Clock Test Mode
The RM4x platform architecture defines a special mode that allows various clock signals to be brought out
on to the ECLK pin and N2HET1[12] device outputs. This mode is called the Clock Test mode. It is very
useful for debugging purposes and can be configured via the CLKTEST register in the system module.
Table 4-14. Clock Test Mode Options
SEL_ECP_PIN
SEL_GIO_PIN
=
SIGNAL ON ECLK
=
SIGNAL ON N2HET1[12]
CLKTEST[3-0]
CLKTEST[11-8]
0000
Oscillator
0000
Oscillator Valid Status
0001
Main PLL free-running clock output
0001
Main PLL Valid status
0010
Reserved
0010
Reserved
0011
EXTCLKIN1
0011
Reserved
0100
CLK80K
0100
Reserved
0101
CLK10M
0101
CLK10M Valid status
0110
Secondary PLL free-running clock output
0110
Secondary PLL Valid Status
0111
EXTCLKIN2
0111
Reserved
1000
GCLK
1000
CLK80K
1001
RTI Base
1001
Reserved
1010
Reserved
1010
Reserved
1011
VCLKA1
1011
Reserved
1100
Reserved
1100
Reserved
1101
VCLKA3
1101
Reserved
1110
VCLKA4
1110
Reserved
1111
Reserved
1111
Reserved
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
61
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com