Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 70 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 70 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 66Page - Texas Instruments RM48L930 Datasheet HTML 67Page - Texas Instruments RM48L930 Datasheet HTML 68Page - Texas Instruments RM48L930 Datasheet HTML 69Page - Texas Instruments RM48L930 Datasheet HTML 70Page - Texas Instruments RM48L930 Datasheet HTML 71Page - Texas Instruments RM48L930 Datasheet HTML 72Page - Texas Instruments RM48L930 Datasheet HTML 73Page - Texas Instruments RM48L930 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
4.9.3
Master/Slave Access Privileges
The table below lists the access permissions for each bus master on the device. A bus master is a module
that can initiate a read or a write transaction on the device.
Each slave module on the main interconnect is listed in the table. A "Yes" indicates that the module listed
in the "MASTERS" column can access that slave module.
Table 4-22. Master / Slave Access Matrix
MASTERS
ACCESS MODE
SLAVES ON MAIN SCR
Flash Module
Non-CPU
CRC
EMIF, Slave
Peripheral
Bus2 Interface:
Accesses to
Interfaces
Control
OTP, ECC,
Program Flash
Registers, All
EEPROM Bank
and CPU Data
Peripheral
RAM
Memories, And
All System
Module Control
Registers And
Memories
CPU READ
User/Privilege
Yes
Yes
Yes
Yes
Yes
CPU WRITE
User/Privilege
No
Yes
Yes
Yes
Yes
DMA
User
Yes
Yes
Yes
Yes
Yes
POM
User
Yes
Yes
Yes
Yes
Yes
DMM
User
Yes
Yes
Yes
Yes
Yes
DAP
Privilege
Yes
Yes
Yes
Yes
Yes
HTU1
Privilege
No
Yes
Yes
Yes
Yes
HTU2
Privilege
No
Yes
Yes
Yes
Yes
4.9.3.1
Special Notes on Accesses to Certain Slaves
Write accesses to the Power Domain Management Module (PMM) control registers are limited to the CPU
(master id = 1). The other masters can only read from these registers.
A debugger can also write to the PMM registers. The master-id check is disabled in debug mode.
The device contains dedicated logic to generate a bus error response on any access to a module that is in
a power domain that has been turned OFF.
70
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com