Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 82 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 82 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 78Page - Texas Instruments RM48L930 Datasheet HTML 79Page - Texas Instruments RM48L930 Datasheet HTML 80Page - Texas Instruments RM48L930 Datasheet HTML 81Page - Texas Instruments RM48L930 Datasheet HTML 82Page - Texas Instruments RM48L930 Datasheet HTML 83Page - Texas Instruments RM48L930 Datasheet HTML 84Page - Texas Instruments RM48L930 Datasheet HTML 85Page - Texas Instruments RM48L930 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 147 page
background image
EMIF_CLK
EMIF_BA[1:0]
EMIF_ADDR[21:0]
EMIF_DATA[15:0]
1
2
2
4
6
8
8
12
10
16
3
5
7
7
11
13
15
9
BASIC SDRAM
WRITE OPERATION
EMIF_CS[0]
EMIF_DQM[1:0]
EMIF_nRAS
EMIF_nCAS
EMIF_nWE
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
4.14.2.4 Write Timing (Synchronous RAM)
Figure 4-16. Basic SDRAM Write Operation
4.14.2.5 EMIF Asynchronous Memory Timing
Table 4-27. EMIF Asynchronous Memory Timing Requirements
NO.
Value
Unit
MIN
NOM
MAX
Reads and Writes
2
tw(EM_WAIT)
Pulse duration, EMIFnWAIT
2E
ns
assertion and deassertion
Reads
12
tsu(EMDV-EMOEH)
Setup time, EMIFDATA[15:0]
3
ns
valid before EMIFnOE high
13
th(EMOEH-EMDIV)
Hold time, EMIFDATA[15:0]
0.5
ns
valid after EMIFnOE high
14
tsu(EMOEL-EMWAIT)
Setup Time, EMIFnWAIT
4E+3
ns
asserted before end of Strobe
Phase(1)
Writes
28
tsu(EMWEL-EMWAIT)
Setup Time, EMIFnWAIT
4E+3
ns
asserted before end of Strobe
Phase(1)
(1)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EMIFnWAIT must be asserted to add extended
wait states. Figure Figure 4-12 and Figure Figure 4-14 describe EMIF transactions that include extended wait states inserted during the
STROBE phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start
of where the HOLD phase would begin if there were no extended wait cycles.
82
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com