Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 141 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 141 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 137Page - Texas Instruments RM48L930 Datasheet HTML 138Page - Texas Instruments RM48L930 Datasheet HTML 139Page - Texas Instruments RM48L930 Datasheet HTML 140Page - Texas Instruments RM48L930 Datasheet HTML 141Page - Texas Instruments RM48L930 Datasheet HTML 142Page - Texas Instruments RM48L930 Datasheet HTML 143Page - Texas Instruments RM48L930 Datasheet HTML 144Page - Texas Instruments RM48L930 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
Table 5-22. SPI Slave Mode External Timing Parameters (CLOCK PHASE = 1, SPICLK = input, SPISIMO =
input, and SPISOMI = output)(1)(2)(3)(4)
NO.
Parameter
MIN
MAX
Unit
1
tc(SPC)S
Cycle time, SPICLK(5)
40
256tc(VCLK)
ns
2(6)
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
14
ns
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
14
3(6)
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
14
ns
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
14
4(6)
td(SOMI-SPCL)S
Dealy time, SPISOMI data valid after SPICLK low
trf(SOMI) + 18
ns
(clock polarity = 0)
td(SOMI-SPCH)S
Delay time, SPISOMI data valid after SPICLK high
trf(SOMI) + 18
(clock polarity = 1)
5(6)
th(SPCL-SOMI)S
Hold time, SPISOMI data valid after SPICLK high
2
ns
(clock polarity =0)
th(SPCH-SOMI)S
Hold time, SPISOMI data valid after SPICLK low (clock
2
polarity =1)
6(6)
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock
2
ns
polarity = 0)
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity
2
= 1)
7(6)
tv(SPCH-SIMO)S
High time, SPISIMO data valid after SPICLK high
2
ns
(clock polarity = 0)
tv(SPCL-SIMO)S
High time, SPISIMO data valid after SPICLK low (clock
2
polarity = 1)
8
td(SPCH-SENAH)S Delay time, SPIENAn high after last SPICLK high
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn)
ns
(clock polarity = 0)
td(SPCL-SENAH)S Delay time, SPIENAn high after last SPICLK low (clock
1.5tc(VCLK)
2.5tc(VCLK)+tr(ENAn)
polarity = 1)
9
td(SCSL-SENAL)S
Delay time, SPIENAn low after SPICSn low (if new data
tf(ENAn)
tc(VCLK)+tf(ENAn)+14
ns
has been written to the SPI buffer)
10
td(SCSL-SOMI)S
Delay time, SOMI valid after SPICSn low (if new data
tc(VCLK)
2tc(VCLK)+trf(SOMI)+8
ns
has been written to the SPI buffer)
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
If the SPI is in slave mode, the following must be true: tc(SPC)S
≤ (PS + 1) tc(VCLK), where PS = prescale value set in SPIFMTx.[15:8].
(3)
For rise and fall timings, see the
"switching characteristics for output timings versus load capacitance" table.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK)
(5)
When the SPI is in Slave mode, the following must be true:
For PS values from 1 to 255: tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)S = 2tc(VCLK) ≥ 40ns.
(6)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
141
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com