Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 3Page - ATMEL Corporation ATSHA204 Datasheet HTML 4Page - ATMEL Corporation ATSHA204 Datasheet HTML 5Page - ATMEL Corporation ATSHA204 Datasheet HTML 6Page - ATMEL Corporation ATSHA204 Datasheet HTML 7Page - ATMEL Corporation ATSHA204 Datasheet HTML 8Page - ATMEL Corporation ATSHA204 Datasheet HTML 9Page - ATMEL Corporation ATSHA204 Datasheet HTML 10Page - ATMEL Corporation ATSHA204 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
7
8740D
−CRYPTO−3/12
2.1.1.1 SlotConfig (Bytes 20 – 51)
The 16 SlotConfig elements are used to configure the access protections for each of the 16 slots within the ATSHA204. Each
configuration element consists of 16 bits, which control the usage and access for that particular slot/key. The SlotConfig field is
interpreted according to the following table when the data zone is locked. When the data zone is unlocked, these restrictions
do not apply — all slots may be freely written and none may be read.
Table 2-2.
SlotConfig Bits (per slot)
Bit #
Name
Description
0
 3
ReadKey
Use this keyID to encrypt data being read from this slot using the Read command. If zero,
then this slot can be the source for the CheckMac copy operation (see Section 3.3.6). See
the description for bit 6 in this table, the Read command description in Section 8.12, and
Table 2-3 for more details.
Note:
Do not use zero as a default. Do not set this field to zero unless the CheckMac
copy operation is explicitly desired, regardless of any other read/write restrictions.
4
CheckOnly
1 = The key stored in the slot can be used only for CheckMac command. It can also be
used for GenDig if the subsequent use of TempKey is CheckMac. The key cannot be
used by any other command, either directly as KeyID in the input parameter list or via
TempKey.
0 = The key stored in the slot can be used by all crypto commands.
5
SingleUse
1 = The key stored in the slot is “single use.” See Section 3.3 for more details.
Ignored for keys in slots 8-14.
0 = There are no usage limitations.
6
EncryptRead
1 = Reads from this slot will be encrypted using the procedure specified in the Read
command description (Section 8.12) using ReadKey (bits 0 – 3 in this table) to
generate the encryption key. No input MAC is required. If this bit is set, then IsSecret
must also be set (see also Table 2-3).
0 = Clear text reads may be permitted.
7
IsSecret
1 = The contents of this slot are secret: Clear text reads are prohibited, and both 4-byte
reads and writes are prohibited. This bit must be set if EncryptRead is one or if
WriteConfig has any value other than <Always> to ensure proper operation of the
device.
0 = The contents of this slot should not contain confidential data or keys.
See Table 2-3 for additional information.
8
 11
WriteKey
Use this key to validate and encrypt data written to this slot.
See Section 8.14 for additional information.
12
 15
WriteConfig
Controls the ability to modify the data in this slot.
See Table 2-4 and Section 8.14 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com