Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 31Page - ATMEL Corporation ATSHA204 Datasheet HTML 32Page - ATMEL Corporation ATSHA204 Datasheet HTML 33Page - ATMEL Corporation ATSHA204 Datasheet HTML 34Page - ATMEL Corporation ATSHA204 Datasheet HTML 35Page - ATMEL Corporation ATSHA204 Datasheet HTML 36Page - ATMEL Corporation ATSHA204 Datasheet HTML 37Page - ATMEL Corporation ATSHA204 Datasheet HTML 38Page - ATMEL Corporation ATSHA204 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
35
8740D
−CRYPTO−3/12
8.1.4
Address Encoding
The Read and Write commands include a single address in Param2 that indicates the memory to be accessed. All Reads and
Writes are in units of four bytes (one word). The most-significant byte of a legal ATSHA204 address is always zero. All unused
address bits should always be set to zero. The least-significant bits in the address describe the offset to the first word to be
accessed within the block/slot, while the upper bits specify the block/slot number per the table below:
Table 8-5.
Address Encoding (Param2)
Zone
Byte 1
Byte 0
Unused
Unused
Block/Slot
Offset
Config
Bits 0
 7
Bits 5
 7
Bits 3
 4
Bits 0
 2
OTP
Bits 0
 7
Bits 4
 7
Bit 3
Bits 0
 2
Data
Bits 0
 7
Bit 7
Bits 3
 6
Bits 0
 2
Within each zone, there are various access restrictions per the table below:
Table 8-6.
Legal Block/slot Values
Zone
Legal Block/Slot
(inclusive)
Notes
Config
0-2
Addresses below 16 (block 0, offset 16) and above 87 (block 2, offset 23) can never be written.
Addresses above 87 can never be read. Both 4- and 32-byte reads/writes are permitted
OTP
0-1
When OTPmode is read-only, all offsets in both blocks are available to use with 4- or 32-byte
reads.
If OTPmode is consumption, then writes are also permitted to all offsets.
See Section 2.1.3 if OTPmode is Legacy.
Data
0-15
All offsets in all slots available for both read and write.
4-byte access permitted on a particular slot only if SlotConfig.IsSecret is zero.
In the table below, “Byte Address” is the byte address within the data zone for the first byte in the respective slot. Because all
Reads and Writes with the ATSHA204 are performed on a word (4-byte or 32-bit) basis, the word address in the table below
should be used for the address parameter passed to the Read and Write commands.
Table 8-7.
Data Zone Slots
Slot #
Byte Address
(Hex)
Word Address
(Hex)
Slot #
Byte Address
(Hex)
Word Address
(Hex)
0
0x0000
0x0000
8
0x0100
0x0040
1
0x0020
0x0008
9
0x0120
0x0048
2
0x0040
0x0010
10
0x0140
0x0050
3
0x0060
0x0018
11
0x0160
0x0058
4
0x0080
0x0020
12
0x0180
0x0060
5
0x00A0
0x0028
13
0x01A0
0x0068
6
0x00C0
0x0030
14
0x01C0
0x0070
7
0x00E0
0x0038
15
0x01E0
0x007F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com