Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 29Page - ATMEL Corporation ATSHA204 Datasheet HTML 30Page - ATMEL Corporation ATSHA204 Datasheet HTML 31Page - ATMEL Corporation ATSHA204 Datasheet HTML 32Page - ATMEL Corporation ATSHA204 Datasheet HTML 33Page - ATMEL Corporation ATSHA204 Datasheet HTML 34Page - ATMEL Corporation ATSHA204 Datasheet HTML 35Page - ATMEL Corporation ATSHA204 Datasheet HTML 36Page - ATMEL Corporation ATSHA204 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
33
8740D
−CRYPTO−3/12
8.1.2
Status/Error Codes
The device does not have a dedicated status register, and so the output FIFO is shared among status, error, and command
results. All output from the device is returned to the system as complete blocks, which are formatted identically to input blocks:
• Count
• Packet
• 2-byte CRC
After the device receives the first byte of an input command block, the system cannot read anything from the device until the
system has sent all the bytes to the device.
After wake and after execution of a command, there will be error, status, or result bytes in the device’s output register that can
be retrieved by the system. When the length of that block is four bytes, the codes returned are detailed below in Table 8-3.
Some commands return more than four bytes when they execute successfully: the resulting packet description is listed in the
command section below.
CRC errors are always returned before any other type of error. They indicate that some sort of I/O error occurred and that the
command may be resent to the device. If a command includes both parse and execution errors, there is no particular
precedence enforced – an execution error may occur before a parse error and/or the reverse.
Table 8-3.
Status/error Codes in 4-byte Blocks
State Description
Error/Status
Description
Successful
Command Execution
0x00
Command executed successfully.
Checkmac
Miscompare
0x01
The CheckMac command was properly sent to the device, but the input client
response did not match the expected value.
Parse Error
0x03
Command was properly received, but the length, command opcode, or parameters
are illegal, regardless of the state (volatile and/or EEPROM configuration) of the
ATSHA204.
Changes in the value of the command bits must be made before it is re-attempted.
Execution Error
0x0F
Command was properly received, but could not be executed by the device in its
current state.
Changes in the device state or the value of the command bits must be made
before it is re-attempted.
After Wake, but prior
to first command
0x11
Indication that the ATSHA204 has received a proper wake token.
CRC or other
Communications
Error
0xFF
Command was not properly received by the ATSHA204, and should be
re-transmitted by the I/O driver in the system.
No attempt was made to parse or execute the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com