Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 14Page - ATMEL Corporation ATSHA204 Datasheet HTML 15Page - ATMEL Corporation ATSHA204 Datasheet HTML 16Page - ATMEL Corporation ATSHA204 Datasheet HTML 17Page - ATMEL Corporation ATSHA204 Datasheet HTML 18Page - ATMEL Corporation ATSHA204 Datasheet HTML 19Page - ATMEL Corporation ATSHA204 Datasheet HTML 20Page - ATMEL Corporation ATSHA204 Datasheet HTML 21Page - ATMEL Corporation ATSHA204 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
18
8740D
−CRYPTO−3/12
4.2
Sharing the Interface
Multiple CryptoAuthentication devices may share the same interface, as follows:
a.
System issues a Wake token (see Section 5.1) to wake up all devices.
b.
The system issues the Pause command to put all but one of the devices into idle mode. Only the remaining device then
sees any commands the system sends. When the system has completed talking to the one active device, it sends an
idle flag, which the idle devices ignore but which puts the single remaining active device into the idle mode. See Section
8.10, “Pause Command,” for more details.
Steps a and b are repeated for each device on the wire. If the system has completed communications with the final device, it
should wake all the devices up and then put all the devices to sleep to reduce total power consumption.
The device uses the selector byte within the configuration zone to determine which device stays awake – only that device with
a selector value that matches the input parameter of the Pause command stays awake. In order to facilitate late configuration
of systems that use the multi-device sharing mode, the following three update capabilities for the selector byte are supported:
1.
Unlimited Updates
At any time, the UpdateExtra command can be executed to write the value in the selector field of the configuration
zone. To enable this mode, set the SelectorMode byte in the configuration zone to zero.
2.
One-time Field Update
If the SelectorMode byte is set to a non-zero value and the selector byte is set to a zero value prior to locking the
configuration zone, then at any time after the configuration zone is locked the UpdateExtra command can be used
one time to set Selector to a non-zero value. The UpdateExtra command is not affected by the LockValue byte.
3.
Fixed Selector Value
The selector byte can never be modified after the configuration zone is locked if both SelectorMode and Selector are
set to non-zero values. The UpdateExtra command will always return an error code.
5.
Single-wire Interface
In this mode, communications to and from the ATSHA204 take place over SDA, a single, asynchronously timed wire, and the
SCL pin is ignored.
Note:
The sleep current specification values are guaranteed only if the SCL pin is held low or left unconnected.
The overall communications structure is a hierarchy:
Tokens
I/O tokens implement a single data bit transmitted on the bus, or the wake-up event.
Flags
Flags consist of eight tokens (bits) that convey the direction and meaning of the next group of bits (if any)
that may be transmitted.
Blocks
Blocks of data follow the command and transmit flags. They incorporate both a byte count and a checksum
to ensure proper data transmission.
Packets
Packets of bytes form the core of the block (minus the byte count and CRC). They are either the input or
output parameters of a CryptoAuthentication command or status information from the Atmel ATSHA204.
See the Atmel website for the appropriate application notes for more details on how to use any microprocessor to easily
generate the signaling necessary to send these elements to the device, including C source code libraries. Also, see Section
10.2, “Wiring Configuration for Single-wire Interface,” for more information about how to connect the device in the single-wire
interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com