Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 22Page - ATMEL Corporation ATSHA204 Datasheet HTML 23Page - ATMEL Corporation ATSHA204 Datasheet HTML 24Page - ATMEL Corporation ATSHA204 Datasheet HTML 25Page - ATMEL Corporation ATSHA204 Datasheet HTML 26Page - ATMEL Corporation ATSHA204 Datasheet HTML 27Page - ATMEL Corporation ATSHA204 Datasheet HTML 28Page - ATMEL Corporation ATSHA204 Datasheet HTML 29Page - ATMEL Corporation ATSHA204 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
26
8740D
−CRYPTO−3/12
6.7
I
2C Synchronization
It is possible for the system to lose synchronization with the I/O port on the ATSHA204, perhaps due a system reset, I/O noise,
or other condition. Under this circumstance, the ATSHA204 may not respond as expected, may be asleep, or may be
transmitting data during an interval when the system is expecting to send data. Any command results in the I/O buffer may be
lost when the system and device lose synchronization.
To re-synchronize, the following procedure should be followed:
1.
To ensure an I/O channel reset, the system should send the standard I
2C software reset sequence, as follows:
•
A start condition
•
Nine cycles of SCL with SDA held high
•
Another start condition
•
A stop condition
It should then be possible to send a read sequence, and, if synchronization has completed properly, the ATSHA204
will ACK the device address. The device may return data or may leave the bus floating (which the system will
interpret as a data value of 0xFF) during the data periods.
If the device does ACK the device address, the system should reset the internal address counter to force the
ATSHA204 to ignore any partial input command that may have been sent. This can be accomplished by sending a
write sequence to word address 0x00 (Reset), followed by a stop condition.
2.
If the device does not respond to the device address with an ACK, then it may be asleep. In this case, the system
should send a complete wake token and wait tWHI after the rising edge. The system may then send another read
sequence, and, if synchronization has completed, the device will ACK the device address.
3.
If the device still does not respond to the device address with an ACK, then it may be busy executing a command.
The system should wait the longest tEXEC (max) and then send the read sequence, which will be acknowledged by
the device.
7.
Electrical Characteristics
7.1
Absolute Maximum Ratings*
Operating Temperature ...............................
−40°C to +85°C
Storage Temperature................................
−65°C to + 150°C
Maximum Operating Voltage ........................................ 6.0V
DC Output Current..................................................... 5.0mA
Voltage on any pin ............................... -0.5V to (VCC + 0.5V)
*Notice:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only, and functional operation of the device at
these or any other condition beyond those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect device reliability.
7.2
Reliability
The ATSHA204 is fabricated with the high reliability of the Atmel CMOS EEPROM manufacturing technology.
Table 7-1.
EEPROM reliability
Parameter
Min
Typical
Max
Units
Write Endurance (each byte at 25°C)
100,000
Write Cycles
Data Retention (at 55°C)
10
Years
Data Retention (at 35°C)
30
50
Years
Read Endurance
Unlimited
Read Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com