Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 45Page - ATMEL Corporation ATSHA204 Datasheet HTML 46Page - ATMEL Corporation ATSHA204 Datasheet HTML 47Page - ATMEL Corporation ATSHA204 Datasheet HTML 48Page - ATMEL Corporation ATSHA204 Datasheet HTML 49Page - ATMEL Corporation ATSHA204 Datasheet HTML 50Page - ATMEL Corporation ATSHA204 Datasheet HTML 51Page - ATMEL Corporation ATSHA204 Datasheet HTML 52Page - ATMEL Corporation ATSHA204 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
49
8740D
−CRYPTO−3/12
Upon completion of the command, TempKey.SourceFlag is set to “Rand.”
If Mode[0:1] is three, this command operates in pass-through mode, the input parameter (NumIn) must be 32 bytes long, and
TempKey is loaded with NumIn. No SHA-256 calculation is performed, no data is returned to the system, and
TempKey.SourceFlag is set to “Input.”
If Mode[0:1] is one, the automatic seed update is suppressed. See Section 3.4.2 for more details.
Table 8-27. Mode Encoding
Bits
Meaning
2-7
Must be zero.
0-1
0: Combine new random number with NumIn, store in TempKey. Automatically update EEPROM seed only if
necessary prior to random number generation. Recommended for highest security.
1: Combine new random number with NumIn, store in TempKey. Generate random number using existing
EEPROM seed, do NOT update EEPROM seed.
2: Invalid
3: Operate in pass-through mode and write TempKey with NumIn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com