Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 18Page - ATMEL Corporation ATSHA204 Datasheet HTML 19Page - ATMEL Corporation ATSHA204 Datasheet HTML 20Page - ATMEL Corporation ATSHA204 Datasheet HTML 21Page - ATMEL Corporation ATSHA204 Datasheet HTML 22Page - ATMEL Corporation ATSHA204 Datasheet HTML 23Page - ATMEL Corporation ATSHA204 Datasheet HTML 24Page - ATMEL Corporation ATSHA204 Datasheet HTML 25Page - ATMEL Corporation ATSHA204 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
22
8740D
−CRYPTO−3/12
Start:
A high-to-low transition of SDA with SCL high is a start condition, which must precede all commands.
Stop:
A low-to-high transition of SDA with SCL high is a stop condition. After this condition is received by the
device, the current I/O transaction ends. On input, if the device has sufficient bytes to execute a command,
the device transitions to the busy state and begins execution. The stop condition should always be sent after
any packet sent to the device.
Figure 6-2.
Start and Stop Conditions on I
2C Interface
SDA
SCL
Start
Condition
Stop
Condition
S
P
Acknowledge (ACK): On the ninth clock cycle after every address or data byte is transferred, the receiver will pull the
SDA pin low to acknowledge proper reception of the byte.
Not Acknowledge (NACK): Alternatively, on the ninth clock cycle after every address or data byte is transferred, the
receiver can leave the SDA pin high to indicate that there was a problem with the reception of the byte or
that this byte completes the block transfer.
Figure 6-3.
NACK and ACK Conditions on I
2C Interface
Data Output
by Transmitter
Data Output
by Receiver
Clock Pulse for
Acknowledgement
Start
Condition
S
SCL from
Master
Not Acknowledge
Acknowledge
1
2
8
9
Multiple ATSHA204 devices can easily share the same I
2C interface if the I2C_Device address byte is programmed differently
for each device on the bus. Because six of the bits of the device address are programmable, the ATSHA204 can also share
the I
2C interface with any standard I2C device, including any serial EEPROM. Bit 3 (also known as TTL Enable) must be
programmed according the input thresholds desired, and is fixed in a particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com