| Electronic Components Datasheet Search |
|
ATSHA204 Datasheet(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSHA204 Datasheet(HTML) 23 Page - ATMEL Corporation |
|
23 / 65 page ![]() Atmel ATSHA204 [DATASHEET] 23 8740D −CRYPTO−3/12 6.2 I 2C Transmission to the Atmel ATSHA204 Device The transmission of data from the system to the AT88SA102S is summarized in Figure 6-4. The order of transmission is: • Start Condition • Device Address Byte • Word Address Byte • Optional Data Bytes (1 through N) • Stop Condition Figure 6-4. Normal I 2C Transmission to an Atmel ATSHA204 SDA SCL 1-7 8 9 1-7 8 9 1-7 8 9 1-7 8 9 1-7 8 9 S P Start Condition Device Address Word Address Data 2 ACK1 ACK1 ACK1 ACK1 ACK1 Stop Condition Data N Data 1 R/W Note: SDA is driven low by the Atmel ATSHA204 during the ACK periods The tables below label the bytes of the I/O transaction. The I 2C name column provides the names of the bytes as described in the AT24C16B datasheet. Table 6-1. I 2C Transmission to Atmel ATSHA204 Atmel ATSHA204 I 2C Name Description Device Address Device Address This byte selects a particular device on the I 2C interface. The Atmel ATSHA204 is selected if bits 1-7 of this byte match bits 1-7 of the I2C_Address byte in the configuration zone. Bit 0 of this byte is the standard I 2C R/W bit, and should be zero to indicate a write operation (the bytes following the device address travel from the master to the slave). Word Address Word Address This byte should have a value of 0x03 for normal operation. See Sections 6.2.2 and 6.6, below, for more information. Command Data1-n The command block, consisting of the count, command packet, and the two-byte CRC. The CRC is calculated over the size and packet bytes. See Section 8.1. Because the device treats the command input buffer as a FIFO, the input block can be sent to the device in one or many I 2C command blocks. The first byte sent to the device is the count, and so after the device receives that number of bytes, it will ignore any subsequently received bytes until execution is finished. The system must send a stop condition after the last command byte to ensure that the ATSHA204 will start the computation of the command. Failure to send a stop condition may eventually result in a loss of synchronization (See Section 6.7 for recovery procedures). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |