Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 26Page - ATMEL Corporation ATSHA204 Datasheet HTML 27Page - ATMEL Corporation ATSHA204 Datasheet HTML 28Page - ATMEL Corporation ATSHA204 Datasheet HTML 29Page - ATMEL Corporation ATSHA204 Datasheet HTML 30Page - ATMEL Corporation ATSHA204 Datasheet HTML 31Page - ATMEL Corporation ATSHA204 Datasheet HTML 32Page - ATMEL Corporation ATSHA204 Datasheet HTML 33Page - ATMEL Corporation ATSHA204 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
30
8740D
−CRYPTO−3/12
7.4
DC Parameters – All I/O Interfaces
Table 7-5.
DC Parameters – All I/O Interfaces
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Ambient Operating
Temperature
TA
-40
85
°C
Power Supply
Voltage
VCC
2.0
5.5
V
Active Power
Supply Current
ICC
1
mA
0
°C +70°C, V
CC = 3.3V
-
3
mA
-40
°C +85°C, V
CC = 5.5V
Idle Power Supply
Current
I IDLE
700
µA
When device is in idle mode, VCC = 3.3V,
VSDA & VSCL < 0.3V or > > VCC-0.3
Sleep Current
I SLEEP
30
150
nA
When device is in sleep mode, VCC ≤ 3.6V,
VSDA & VSCL < 0.3V or > VCC-0.3, TA ≤ 55°C
2
µA
When device is in sleep mode
Output Low Voltage
VOL
0.4
V
When device is in active mode, VCC = 2.5 – 5.5V
Output Low Current
IOL
4
mA
When device is in active mode, VCC = 2.5 – 5.5V,
VOL = 0.4V
7.4.1
VIH and VIL Specifications
The input voltage thresholds when in sleep or idle mode are dependent on the VCC level as follows:
Figure 7-4.
VIH and VIL When in Sleep or Idle Mode
VIH, VIL when in Sleep or Idle Mode
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.0
3.0
4.0
5.0
6.0
VCC
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com