Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 23Page - ATMEL Corporation ATSHA204 Datasheet HTML 24Page - ATMEL Corporation ATSHA204 Datasheet HTML 25Page - ATMEL Corporation ATSHA204 Datasheet HTML 26Page - ATMEL Corporation ATSHA204 Datasheet HTML 27Page - ATMEL Corporation ATSHA204 Datasheet HTML 28Page - ATMEL Corporation ATSHA204 Datasheet HTML 29Page - ATMEL Corporation ATSHA204 Datasheet HTML 30Page - ATMEL Corporation ATSHA204 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
27
8740D
−CRYPTO−3/12
7.3
AC Parameters – All I/O Interfaces
Figure 7-1.
AC Timing Diagram – All I/O Interfaces
Wake
Noise
Suppression
Data Comm
t
WLO
t
WHI
t
LIGNORE
t
HIGNORE
Table 7-2.
AC Parameters – All I/O Interfaces
Parameter
Symbol
Direction
Min
Typ
Max
Unit
Notes
Wake Low
Duration
tWLO
To Crypto
Authentication
60
-
µs
SDA can be stable in either high or low
levels during extended sleep intervals.
Wake High
Delay to
Data Comm.
tWHI
To Crypto
Authentication
2.5
ms
SDA should be stable high for this entire
duration.
High Side
Glitch Filter
@ Active
tHIGNORE_A
To Crypto
Authentication
45
(1)
ns
Pulses shorter than this in width will be
ignored by the device, regardless of its
state when active.
Low Side
Glitch Filter
@ Active
tLIGNORE_A
To Crypto
Authentication
45
(1)
ns
Pulses shorter than this in width will be
ignored by the device, regardless of its
state when active.
High Side
Glitch Filter
@ Sleep
tHIGNORE_S
To Crypto
Authentication
15
(1)
µs
Pulses shorter than this in width will be
ignored by the device when in sleep
mode.
Low Side
Glitch Filter
@ Sleep
tLIGNORE_S
To Crypto
Authentication
15
(1)
µs
Pulses shorter than this in width will be
ignored by the device when in sleep
mode.
Watchdog
Reset
tWATCHDOG
To Crypto
Authentication
0.7
1.3
1.7
s
Max. time from wake until device is
forced into sleep mode (See Section
8.1.6).
Note:
1.
These parameters are guaranteed through characterization, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com