Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 25Page - ATMEL Corporation ATSHA204 Datasheet HTML 26Page - ATMEL Corporation ATSHA204 Datasheet HTML 27Page - ATMEL Corporation ATSHA204 Datasheet HTML 28Page - ATMEL Corporation ATSHA204 Datasheet HTML 29Page - ATMEL Corporation ATSHA204 Datasheet HTML 30Page - ATMEL Corporation ATSHA204 Datasheet HTML 31Page - ATMEL Corporation ATSHA204 Datasheet HTML 32Page - ATMEL Corporation ATSHA204 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
29
8740D
−CRYPTO−3/12
7.3.2
AC Parameters – I
2C Interface
Figure 7-3.
I
2C Synchronous Data Timing
SCL
SDA IN
SDA OUT
t
F
t
HIGH
t
LOW
t
LOW
t
R
t
AA
t
DH
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
Table 7-4.
AC Characteristics of I
2C Interface
Applicable over recommended operating range from TA =
−40°C to + 85°C, VCC = +2.0V to +5.5V, CL = 1 TTL gate and 100pF
(unless otherwise noted)
Symbol
Parameter
Min
Max
Units
fSCK
SCK Clock Frequency
0
1
MHz
SCK Clock Duty Cycle
30
70
percent
tHIGH
SCK High Time
400
ns
tLOW
SCK Low Time
400
ns
tSU.STA
Start Setup Time
250
ns
tHD.STA
Start Hold Time
250
ns
tSU.STO
Stop Setup Time
250
ns
tSU.DAT
Data in Setup Time
100
ns
tHD.DAT
Data in Hold Time
0
ns
tR
Input rise time
(1)
300
ns
tF
Input Fall Time
(1)
100
ns
tAA
Clock Low to Data Out Valid
50
550
ns
tDH
Data Out Hold Time
50
ns
tBUF
Time bus must be free before a new transmission can start.
(1)
500
ns
Notes:
1.
Values are based on characterization, but are not tested.
2. AC measurement conditions:
RL (connects between SDA and VCC): 2.0k
Ω (for VCC +2.0V to +5.0V)
Input pulse voltages: 0.3VCC to 0.7VCC
Input rise and fall times:
≤ 50ns
Input and output timing reference voltage: 0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com