Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 53Page - ATMEL Corporation ATSHA204 Datasheet HTML 54Page - ATMEL Corporation ATSHA204 Datasheet HTML 55Page - ATMEL Corporation ATSHA204 Datasheet HTML 56Page - ATMEL Corporation ATSHA204 Datasheet HTML 57Page - ATMEL Corporation ATSHA204 Datasheet HTML 58Page - ATMEL Corporation ATSHA204 Datasheet HTML 59Page - ATMEL Corporation ATSHA204 Datasheet HTML 60Page - ATMEL Corporation ATSHA204 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
57
8740D
−CRYPTO−3/12
9.
Compatibility
The ATSHA204 is designed to be upwards compatible with the AT88SA102S for field operation. Most systems designed to
use the AT88SA102S in client devices will work perfectly with the ATSHA204 in the client devices without any modification to
the host system software or hardware.
Host systems that utilize the AT88SA10HS host device will also interoperate properly with the ATSHA204 client device in
place of a previously used AT88SA102S client. However, the AT88SA10HS itself cannot be replaced with the ATSHA204
without software modifications. With the appropriate software updates, the ATSHA204 can implement all the functions of an
AT8810HS host device and continue to properly communicate with client AT88SA102S devices.
For compatibility with the AT88SA102S, the following values should be written to the memory of the ATSHA204:
1.
During configuration, OTPmode should be set to Legacy to hide the values of the first 64 bits of the OTP section,
which contain a secret in the Atmel AT88SA102S.
2.
The same secret and status information that would have been written to the first 88 fuse bits of the Atmel
AT88SA102S should be written to the first 88 bits of the OTP section on the Atmel ATSHA204.
3.
OTP bits 88 through 127 should be written with copies of the values stored in SN[4:8] within the configuration section
of the Atmel ATSHA204 device. The read command on legacy systems will always use the values in the OTP
section while the Atmel ATSHA204 always uses the values in the configuration zone during the computation of
cryptographic results.
4.
The key slot identified by the least significant four bits of the Atmel AT88SA102S KeyID assigned to a particular
customer should be loaded with the Atmel-provided value for that key.
5.
The SlotConfig bits for the key slot identified in step four should be set to: CheckOnly=0, SingleUse=0,
EncryptRead=0, IsSecret=1, WriteConfig=1000.
The following compatibility exceptions apply:
• Those Atmel AT88SA102S systems using the BurnFuse command on the client device cannot be replaced with the
Atmel ATSHA204, as the corresponding command is not available on the Atmel ATSHA204. The same capability is
implemented with the Write command, but system software modifications are necessary.
• Those Atmel AT88SA102S systems in which the system software reads and depends on a fixed value for the device
revision number (RevNum at ROM address one) will find a different value in the Atmel ATSHA204.
Note: This value is not guaranteed to be identical for all Atmel AT88SA102S devices.
• Systems including multiple Atmel AT88SA102S and/or Atmel AT88SA10HS devices on a shared single-wire bus
cannot be replaced with the Atmel ATSHA204, as the Pause command operates differently.
• The key diversification strategy implemented by the Atmel ATSHA204 (when operating as a host) is different from
the similar strategy used by the Atmel AT88SA10HS. The Atmel ATSHA204 can be used as a host authentication
device for Atmel ATSHA204 clients that include diversified keys, but those clients will not work interchangeably with
Atmel AT88SA102S clients.
• Because of the difference in the nonvolatile memory technology and size, the secure personalization mechanism is
different on the Atmel ATSHA204 as compared to the Atmel AT88SA10HS and Atmel AT88SA102S. Users will need
to modify their manufacturing processes and procedures accordingly.
• The Atmel ATSHA204 cannot replace a client Atmel AT88SA100S device used for batteries and other self-powered
systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com