Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 30Page - ATMEL Corporation ATSHA204 Datasheet HTML 31Page - ATMEL Corporation ATSHA204 Datasheet HTML 32Page - ATMEL Corporation ATSHA204 Datasheet HTML 33Page - ATMEL Corporation ATSHA204 Datasheet HTML 34Page - ATMEL Corporation ATSHA204 Datasheet HTML 35Page - ATMEL Corporation ATSHA204 Datasheet HTML 36Page - ATMEL Corporation ATSHA204 Datasheet HTML 37Page - ATMEL Corporation ATSHA204 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
34
8740D
−CRYPTO−3/12
8.1.3
Command Opcodes, Short Descriptions, and Execution Times
During parsing of the parameters and subsequent execution of a properly received command, the device will be busy and not
respond to transitions on the pins. The interval during which the device will be busy varies depending on the command and its
parameter values, the state of the device, the environmental conditions, and other factors per the table below.
Table 8-4.
Command Opcodes, Short Descriptions, and Execution Times
Command
Opcode
Description
Typ. Exec.
Time
1, ms
Max. Exec.
Time
2, ms
DeriveKey
0x1C
Derive a target key value from the target or parent key.
14
62
DevRev
0x30
Return device revision information.
0.4
2
GenDig
0x15
Generate a data protection digest from a random or input seed and a
key.
11
43
HMAC
0x11
Calculate response from key and other internal data using
HMAC/SHA-256.
27
69
CheckMac
0x28
Verify a MAC calculated on another Atmel CryptoAuthentication device.
12
38
Lock
0x17
Prevent further modifications to a zone of the device.
5
24
MAC
0x08
Calculate response from key and other internal data using SHA-256.
12
35
Nonce
0x16
Generate a 32-byte random number and an internally stored nonce.
22
60
Pause
0x01
Selectively put just one device on a shared bus into the idle state.
0.4
2
Random
0x1B
Generate a random number.
11
50
Read
0x02
Read four bytes from the device, with or without authentication and
encryption.
0.4
4
UpdateExtra
0x20
Update bytes 84 or 85 within the configuration zone after the
configuration zone is locked.
8
12
Write
0x12
Write 4 or 32 bytes to the device, with or without authentication and
encryption.
4
42
Notes:
1.
Typical execution times are representative of the duration to execute the command assuming no error
conditions, fastest mode setting, no optional internal actions such as limited use keys, and favorable
environmental conditions. For best performance, delay for this interval and then start polling to determine actual
command completion.
2. Maximum execution times are representative of the longest duration of a successful command execution with all
mode and internal actions enabled under extended statistical and environmental conditions. Execution time may
extend beyond these values in extreme situations. In most but not all cases, failing commands will return
relatively quickly, often well before the typical execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com