Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 16Page - ATMEL Corporation ATSHA204 Datasheet HTML 17Page - ATMEL Corporation ATSHA204 Datasheet HTML 18Page - ATMEL Corporation ATSHA204 Datasheet HTML 19Page - ATMEL Corporation ATSHA204 Datasheet HTML 20Page - ATMEL Corporation ATSHA204 Datasheet HTML 21Page - ATMEL Corporation ATSHA204 Datasheet HTML 22Page - ATMEL Corporation ATSHA204 Datasheet HTML 23Page - ATMEL Corporation ATSHA204 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
20
8740D
−CRYPTO−3/12
5.2.1.2 Idle Flag
The idle flag is used to transition the ATSHA204 to the idle state, which causes the input/output buffer to be flushed. It does
not invalidate the contents of the TempKey and RNG seed registers. This flag can be sent to the device at any time when it will
accept a flag. When the device is in the idle state, the watchdog timer is disabled.
5.2.1.3 Sleep Flag
The sleep flag transitions the ATSHA204 to the low-power sleep state, which causes a complete reset of the device, including
invalidation of the contents of the SRAM and all volatile registers. This flag can be sent to the device at any time when it will
accept a flag.
5.3
Synchronization
Because the communications protocol is half-duplex, there is the possibility that the system and the ATSHA204 will fall out of
synchronization with each other. In order to speed recovery, the device implements a timeout that forces it to sleep under
certain circumstances.
5.3.1
I/O Timeout
After a leading transition for any data token has been received, the ATSHA204 will expect the remaining bits of the token to be
properly received by the device within the tTIMEOUT interval. Failure to send enough bits or the transmission of an illegal token
(a low pulse exceeding tZLO) will cause the device to enter the sleep state after the tTIMEOUT interval.
The same timeout applies during the transmission of the command block. After the transmission of a legal command flag, the
I/O timeout circuitry is enabled until the last expected data bit is received.
Note:
The timeout counter is reset after every legal token, and so the total time to transmit the command may exceed
the tTIMEOUT interval while the time between bits may not.
The I/O timeout circuitry is disabled when the device is busy executing a command.
5.3.2
Synchronization Procedures
If the device is not busy when the system sends a transmit flag, the device should respond within tTURNAROUND. If tEXEC time has
not already passed, the device may be busy, and the system should poll or wait until the maximum tEXEC time has elapsed. If
the device still does not respond to a second transmit flag within tTURNAROUND, it may be out of synchronization. At this point, the
system may take the following steps to reestablish communication:
1.
Wait tTIMEOUT.
2.
Send the transmit flag.
3.
If the device responds within tTURNAROUND, then the system may proceed with more commands.
4.
Send a Wake token.
5.
Wait tWHI.
6.
Send the transmit flag.
7.
The device should respond with a 0x11 status within tTURNAROUND, at which time system may proceed with
commands.
Any command results in the I/O buffer may be lost when the system and device lose synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com