Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 41Page - ATMEL Corporation ATSHA204 Datasheet HTML 42Page - ATMEL Corporation ATSHA204 Datasheet HTML 43Page - ATMEL Corporation ATSHA204 Datasheet HTML 44Page - ATMEL Corporation ATSHA204 Datasheet HTML 45Page - ATMEL Corporation ATSHA204 Datasheet HTML 46Page - ATMEL Corporation ATSHA204 Datasheet HTML 47Page - ATMEL Corporation ATSHA204 Datasheet HTML 48Page - ATMEL Corporation ATSHA204 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
45
8740D
−CRYPTO−3/12
8.7
Lock Command
Write either LockConfig or LockValue to 0xFF, thereby changing the permissions in the designated zone.
This command fails if the designated zone is already locked.
Prior to locking the device, the ATSHA204 uses the CRC-16 algorithm to generate a summary digest of the designated
zone(s). The calculation is made identically to the CRC computed over the input and output blocks.
• For the configuration zone, the CRC is calculated over all 88 bytes.
• For the data and OTP zones, their contents are concatenated in that order to create the input to the CRC algorithm.
If the input summary does not match that computed on the device, an error is returned and the personalization process should
be repeated.
Table 8-20. Input Parameters
Name
Size
Notes
Opode
LOCK
1
0x17
Param1
Zone
1
Bit 0: Zero for config zone, 1 for data and OTP zones.
Bits 1-6: Must be zero.
Bit 7: If one, the check of the zone CRC is ignored and the zone is locked, regardless
of the state of the memory. Atmel does not recommend using this mode.
Param2
Summary
2
Summary of the designated zones, or should be 0x0000 if Zone[7] is set.
Data
-
0
-
Table 8-21. Output Parameter
Name
Size
Notes
Success
1
Upon successful execution, the Atmel ATSHA204 returns a value of zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com