Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 22 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 22 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 18Page - ITT Industries ISO15170 Datasheet HTML 19Page - ITT Industries ISO15170 Datasheet HTML 20Page - ITT Industries ISO15170 Datasheet HTML 21Page - ITT Industries ISO15170 Datasheet HTML 22Page - ITT Industries ISO15170 Datasheet HTML 23Page - ITT Industries ISO15170 Datasheet HTML 24Page - ITT Industries ISO15170 Datasheet HTML 25Page - ITT Industries ISO15170 Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
22
CannonAPD / ISO 15170 Connectors
High Power 2-way, Contacts,Accessories
Order No.
d6
d8
L1
430-8645-000 (6,00 mm
2) *
3,4
6,8
33,4
430-8645-009 (10,00 mm
2)
4,3
6,8
30,9
430-8645-003 (AWG 8)
3,8
6,8
30,9
430-8645-002 (AWG 6)
5,3
6,8
30,9
430-8645-007 (16,00 mm
2)
5,5
7,5
30,9
Packaging unit 100 pcs.
* use individual wire seal or grommet
Machined Pin Crimp Contacts, Standard Silver Plated
Individual Wire Seal
For High Power 2-way 6 mm2 only
Machined Socket Crimp Contacts, Standard Silver Plated
Order No.
d5
d7
L2
031-8646-010 (6,00 mm
2) *
3,4
6,8
33,4
031-8646-011 (10,00 mm
2)
4,3
6,8
30,9
031-8646-002 (AWG 8)
3,8
6,8
30,9
031-8646-003 (AWG 6)
5,3
6,8
30,9
031-8646-001 (16,00 mm
2)
5,5
7,5
30,9
Packaging unit 100 pcs.
* use individual wire seal or grommet
Designation
Order No.:
16GN5824
121668-0035
wire insulation ø 4,3 - 4,8 mm / green
Order No.
075-8503-000 (-55/125˚C)
075-8503-004 (-30/200˚C)
Packaging unit 100 pcs.
Flange Gasket
For Flange Receptacle, High Power 2-way
10...16 mm2
10...16 mm2
6 mm2
6 mm2
Cable Sealing Set
For High Power 2-way
Order No.
Wire Insulation
ø
ø A
121583-1000
4,2 - 5,8
3,8
121583-1001
5,7 - 7,3
5,3
121583-1002
7,4 - 8,3
7,3
121583-1003
6,8 - 8,3
6,5
Packaging unit 100 pcs.
Set consists of:
Hexagonal Nut (1)
Compression Support Plate for Cable Seal (2)
Cable Seal for Cable (3)
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com