Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 68 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 68 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 64Page - ITT Industries ISO15170 Datasheet HTML 65Page - ITT Industries ISO15170 Datasheet HTML 66Page - ITT Industries ISO15170 Datasheet HTML 67Page - ITT Industries ISO15170 Datasheet HTML 68Page - ITT Industries ISO15170 Datasheet HTML 69Page - ITT Industries ISO15170 Datasheet HTML 70Page - ITT Industries ISO15170 Datasheet HTML 71Page - ITT Industries ISO15170 Datasheet HTML 72Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
68
CannonAPD / ISO 15170 Connectors
Jam Nut Receptacle, 51-way
Jam Nut Receptacle, 51-way, Secondary Lock Version
Order No.
Designation
Code
Color
121583-0095
APD-1CS51S
1
green (RAL 6018)
121583-0096
APD-2CS51S
2
yellow (RAL 1018)
121583-0097
APD-3CS51S
3
brown (RAL 3009)
121583-0098
APD-4CS51S
4
purple (RAL 4001)
Socket crimp contacts see page 69.
Accessories, see page 70.
View on Mating Face
Packaging unit 100 pcs.
Coding 51-way layout
Panel Cut Out
Piece Parts /Assembly Instruction
Note: The connectors offer both mechanical keying and visual coding by different colors.
Code 1
green
Code 2
yellow
Code 3
brown
Code 4
purple
Housing
O-Ring
Jam Nut
30º
Ø54.4
+ 0.2
Ø59.8
+0.2
25.4
+ 0.
2
Ø68
52.3
32.3
PANEL
1,5 min
4 max
2
8
15
23
29
37
42
48
51
1
3
9
16
24
30
38
43
49
2
8
15
23
29
37
42
48
51
1
3
9
16
24
30
38
43
49
2
8
15
23
29
37
42
48
51
1
3
9
16
24
30
38
43
49
2
8
15
23
29
37
42
48
51
1
3
9
16
24
30
38
43
49
Wall Thickness
Standard: min. 1,5 / max. 4,0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com