Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 12 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 12 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 8Page - ITT Industries ISO15170 Datasheet HTML 9Page - ITT Industries ISO15170 Datasheet HTML 10Page - ITT Industries ISO15170 Datasheet HTML 11Page - ITT Industries ISO15170 Datasheet HTML 12Page - ITT Industries ISO15170 Datasheet HTML 13Page - ITT Industries ISO15170 Datasheet HTML 14Page - ITT Industries ISO15170 Datasheet HTML 15Page - ITT Industries ISO15170 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
12
CannonAPD / ISO 15170 Connectors
High Power 1-way, Contacts
41,6
Machined Pin Crimp Contacts, High Performance Copper, Silver plated
Order No.
AWG
Contact size
d5+0,15
031-8521-030 (16,00 mm
2)0
6,2
031-8521-010 (25,00 mm
2)
40
7,6
031-8521-020 (35,00 mm
2)
20
9,1
031-8646-015 (50,00 mm
2)
with bunch
0
10,2
Packaging unit 100 pcs.
Order No.
AWG
contact size
d6+0,15
030-8614-030 (16,00 mm
2)0
6,2
030-8614-010 (25,00 mm
2)
40
7,6
030-8614-020 (35,00 mm
2)2
0
9,1
030-8581-029 (50,00 mm
2)
with bunch
0
10,2
Packaging unit 100 pcs.
16...35 mm2
16...35 mm2
50 mm2
Machined Socket Crimp-Contacts, High Performance Copper, Silver plated
50 mm2
Derating Curve, High Performance Copper Contact
0
50
100
150
200
250
300
350
20
30
40
50
60
70
80
90
100
110
120
130
Ambient Temperature [°C]
1
3
2
4
1: 50mm²
2: 35mm²
3: 25mm²
4: 16mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com