Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 28 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 28 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 24Page - ITT Industries ISO15170 Datasheet HTML 25Page - ITT Industries ISO15170 Datasheet HTML 26Page - ITT Industries ISO15170 Datasheet HTML 27Page - ITT Industries ISO15170 Datasheet HTML 28Page - ITT Industries ISO15170 Datasheet HTML 29Page - ITT Industries ISO15170 Datasheet HTML 30Page - ITT Industries ISO15170 Datasheet HTML 31Page - ITT Industries ISO15170 Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
28
CannonAPD / ISO 15170 Connectors
Jam Nut Receptacle, 4-way
11,9
R0,4
29,4
Housing
O-ring
Jam Nut
Wall Thickness: Standard Jam Nut: min. 1,0 / max. 4,0 mm Special Jam Nut: min. 2,0 / max. 5,0 mm
Jam Nut, special
Jam Nut Receptacle, 4-way
43,0
28,0
14,3
Order No.
Designation
Code
Color
121583-0008
APD-1CP-K2
1
black (RAL 9005)
121583-0009
APD-2CP-K2
2
grey (RAL 7036)
121583-0010
APD-3CP-K2
3
green (RAL 6029)
121583-0011
APD-4CP-K2
4
blue (RAL 5012)
Packaging unit 100 pcs.
Pin crimp contacts see page 32.
Accessories, see pages 32 and 33.
Note: Includes jam nut for wall thickness 1...4 mm.
Coding, 4-way layouts
Code 1
black
Code 2
grey
Code 3
green
Code 4
blue
Note: The connectors offer both mechanical keying and visual coding by different colors.
Panel Cut Out
Piece Parts /Assembly Instruction
View on Mating Face
Designation
Order No.
for special wall thickness 2,0 - 5,0 mm
217-8516-001
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com