Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 32 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 32 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 28Page - ITT Industries ISO15170 Datasheet HTML 29Page - ITT Industries ISO15170 Datasheet HTML 30Page - ITT Industries ISO15170 Datasheet HTML 31Page - ITT Industries ISO15170 Datasheet HTML 32Page - ITT Industries ISO15170 Datasheet HTML 33Page - ITT Industries ISO15170 Datasheet HTML 34Page - ITT Industries ISO15170 Datasheet HTML 35Page - ITT Industries ISO15170 Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Dimensions shown in mm
Specifications and dimensions subject to change
32
CannonAPD / ISO 15170 Connectors
Contacts,Accessories 4-way
Designation - Standard
Order No.
APK-SB25A10-002 (0,5 - 1,5 mm
2)
121668-0125
APK-SB25A25-002 (1,5 - 2,5 mm
2)
121668-0126
APK-SB25A40-002 (2,5 - 4,0 mm
2)
121668-0127
Optional with Au-flash
APK-SB25H10-002 (0,5 - 1,5 mm
2)
121668-0022
APK-SB25H25-002 (1,5 - 2,5 mm
2)
121668-0128
APK-SB25H40-002 (2,5 - 4,0 mm
2)
121668-0124
Note: For versions with silver plating please consult factory.
Socket Crimp-Contacts Standard Tinned, 3000 contacts per reel
Designation - Standard
Order No.
APK-PB25A10-002 (0,5 - 1 mm
2)
121668-0026
APK-PB25A25-002 (1,5 - 2,5 mm
2)
121668-0027
APK-PB25A40-002 (2,5 - 4,0 mm
2)
121668-0028
Optional with Au-flash
APK-PB25H10-002 (0,5 - 1 mm
2)
121668-0021
APK-PB25H25-002 (1,5 - 2,5 mm
2)
121668-0029
APK-PB25H40-002 (2,5 - 4,0 mm
2)
121668-0025
Note: For versions with silver plating please consult factory.
Designation
Order No.
10RD5821
121668-0032
Wire insulation ø 1,4 - 2,0 mm / red
15BL5822
121668-0033
Wire insulation ø 2,1 - 2,9 mm / blue
Note: Packaging unit 5000 pcs.
Individual Wire Seals
For all versions 4-way
Designation
Order No.
15WH5823
121668-0034
white
Note: Packaging unit 5000 pcs.
Wire Filler
For all versions 4-way
Order No.
075-8503-000 (-55/125˚C)
075-8503-004 (-30/200˚C)
Packaging unit 100 pcs.
Flange Gasket
For Flange Receptacle, 4-way
Pin Crimp-Contacts Standard Tinned, 3000 contacts per reel
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com