Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 45 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 45 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 41Page - ITT Industries ISO15170 Datasheet HTML 42Page - ITT Industries ISO15170 Datasheet HTML 43Page - ITT Industries ISO15170 Datasheet HTML 44Page - ITT Industries ISO15170 Datasheet HTML 45Page - ITT Industries ISO15170 Datasheet HTML 46Page - ITT Industries ISO15170 Datasheet HTML 47Page - ITT Industries ISO15170 Datasheet HTML 48Page - ITT Industries ISO15170 Datasheet HTML 49Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
45
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
Plug, 19-way
Plug, 19-way
Coding, 19-way layouts
Derating Curve
Code 1
Code 2
Code 3
Code 4
black
grey
green
blue
Order No.
Designation
Code
Color
121583-0119
APD-1BS19S
1
black (RAL 9005)
121583-0121
APD-2BS19S
2
grey (RAL 7036)
121583-0123
APD-3BS19S
3
green (RAL 6029)
121583-0125
APD-4BS19S
4
blue (RAL 5012)
Packaging unit 50 pcs.
Note: Each packaging unit includes one release tool.
Socket crimp contacts see page 49.
Accessories, see pages 50, 51, and 52.
0
2
4
6
8
10
12
14
20
30
40
50
60
70
80
90
100
110
120
130
Ambient Temperature [°C]
1,5mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com