Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 35 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 35 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 31Page - ITT Industries ISO15170 Datasheet HTML 32Page - ITT Industries ISO15170 Datasheet HTML 33Page - ITT Industries ISO15170 Datasheet HTML 34Page - ITT Industries ISO15170 Datasheet HTML 35Page - ITT Industries ISO15170 Datasheet HTML 36Page - ITT Industries ISO15170 Datasheet HTML 37Page - ITT Industries ISO15170 Datasheet HTML 38Page - ITT Industries ISO15170 Datasheet HTML 39Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
35
www.ittcannon.com
Dimensions shown in mm
S pecifications and dimensions subject to change
Cannon APD / ISO 15170 Connectors
Technical Data, 6/7-way
APD 6/7-way connectors are a derivate of the 4-way
connector providing higher pin counts using a 1,6 mm con-
nector system. They are available as versions with stamped
and machined contacts.
Applications for the 6- and 7-way connector
include:
•Sensors
•Traction / Skid Control
•Brake Control
•Magnetic Switch Control Systems
•Lightening systems on Trucks and Trailers
Electrical Data
Mechanical Data
Environmental Data (acc. ISO 15170)
Materials List
Operating Voltage
48 VDC*
Operating Current
see derating curve
Contact Resistance
5 mΩ max.
Voltage Proof
1000 VAC, 60 seconds
Insulation Resistance
10 MΩ min.
Durability
50 Mating Cycles
Coupling Torque
1,2 Nmmax.
Static Load, free connector
350 N (ISO 15170-2, Sec. 4.6)
Dynamic Impact
2 J (49mm- ball- drop- test, height 400mm)
Temperature Range
-40 °C up to 125 °C (ISO 15170-2, Sec. 6.4)
Humidity Range
up to 95 % r.h. (ISO 15170-2, Sec. 6.4)
Sealing
IP 67 and IP 69K (DIN EN 60529)*
Salt Spray
96 h, 35 °C(ISO15170-2, Sec. 6.2)
Industrial Climate
SO2, 0,67 % (ISO 15170-2, Sec. 6.3)
Fluid Compatibility
Brakefluid, ATF, fuel, .. (ISO 15170-2, Sec. 6.6)*
Vibration Resistance
Sine, 200m/s², 3 x 100h, RT and 120°C (ISO 15170-2)*
Housing Parts
PBT GF
Sealing Parts
HNBR (alternative FKM)
Coupling Nut
PA 66 GF
Contacts
CopperAlloy, SnorAuplated
*Further information upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com