Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 29 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 29 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 25Page - ITT Industries ISO15170 Datasheet HTML 26Page - ITT Industries ISO15170 Datasheet HTML 27Page - ITT Industries ISO15170 Datasheet HTML 28Page - ITT Industries ISO15170 Datasheet HTML 29Page - ITT Industries ISO15170 Datasheet HTML 30Page - ITT Industries ISO15170 Datasheet HTML 31Page - ITT Industries ISO15170 Datasheet HTML 32Page - ITT Industries ISO15170 Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
29
CannonAPD / ISO 15170 Connectors
Technical Data, 4-way High Voltage
APD 4-way connectors are the original DIN72585 (now ISO
15170) versions using a 2,5 mm contact system.
Designed for automotive applications they also meet the
requirements of transportation, off-road and special vehicle
markets. ITT has come up with a new high voltage version of the
APD 4-way connector.
Applications for the 4-way connector
include:
•Sensors
•Traction / Skid Control
•Brake Control
•Magnetic Switch Control Systems
•Lightening systems on Trucks and Trailers
•Electric Vehicles
Electrical Data
Mechanical Data
Environmental Data (acc. ISO 15170)
Materials List
Operating Voltage
500 V DC/AC*
Operating Current
see derating curve
Contact Resistance
5 mΩ max.
Voltage Proof
3500 VAC, 30 seconds
Insulation Resistance
10 MΩ min.
Durability
50 Mating Cycles
Coupling Torque
1,2 Nm max.
Static Load, mated Connector
250 N axial, 150 N lat. (ISO 15170-2, Sec. 4.5)
Static Load, free connector
350 N (ISO 15170-2, Sec. 4.6)
Temperature Range
-40 °C up to 125 °C (ISO 15170-2, Sec. 6.4)
Humidity Range
up to 95 % r.h. (ISO 15170-2, Sec. 6.4)
Sealing
IP 67 and IP 69k (DIN EN 60529)*
Salt Spray
96 h, 35 °C (ISO 15170-2, Sec. 6.2)
Industrial Climate
SO2, 0,67 % (ISO 15170-2, Sec. 6.3)
Fluid Compatibility
Brakefluid, ATF, fuel, .. (ISO 15170-2, Sec. 6.6)*
Vibration Resistance
Sine, 300m/s², 3 x 100h, RT and 120°C (ISO 15170-2)*
Housing Parts
PBT GF
Sealing Parts
HNBR (alternative FKM)
Coupling Nut
PA 66 GF
Contacts
Copper Alloy, Sn or Au plated
* Further information available upon request
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com