Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 3 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 3 Page - ITT Industries

  ISO15170 Datasheet HTML 1Page - ITT Industries ISO15170 Datasheet HTML 2Page - ITT Industries ISO15170 Datasheet HTML 3Page - ITT Industries ISO15170 Datasheet HTML 4Page - ITT Industries ISO15170 Datasheet HTML 5Page - ITT Industries ISO15170 Datasheet HTML 6Page - ITT Industries ISO15170 Datasheet HTML 7Page - ITT Industries ISO15170 Datasheet HTML 8Page - ITT Industries ISO15170 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
www.ittcannon.com
ITT Interconnect Solutions
ITT Interconnect Solutions is a division of the multi-
national ITT Corporation, a $9 billion dollar global
enterprise representing the brands Cannon, VEAM,
and BIW. Our connector portfolio remains the most
extensive in the industry offering the most reliable and
cost effective range of interconnect solutions. These
innovations have enabled ITT to provide products and
technologies to such markets as:
• Automotive
• Computer/Consumer
• Industrial/Instrumentation
• Military/Aerospace
• Oil Fields
• Telecom/Handset
• Transportation
When you specify a Cannon, VEAM or BIW connector,
you can rely on a product designed, developed, and
manufactured to the highest quality and reliability
standards. This tradition of excellence is based on ITT’s
corporate culture of operating its businesses under the
principles of Six Sigma. At ITT, Six Sigma
is not just a quality philosophy but a complete
corporate culture that drives the entire business. Our
Value Based Management and Value Based Product
Development systems are two cornerstones that allow
for the development of both leadership and product
engineering principles, ensuring the correct industry
leading products are developed to the accepted
market driven lead times. These principles have
allowed ITT to become the market leader in all of our
business portfolios.
Six Sigma Manufacturing
ITT operates manufacturing facilities in the United
States, Germany, Italy, Mexico, China, Japan and the
UK, all of which have particular product area strengths
allowing ITT to offer a truly global footprint to our
customers. Our facilities are world class and
accom-
modate full vertical integration utilizing the latest
manufacturing technologies including: automated and
robotic machining centers, Super Market manufactur-
ing cells, Kanban pull systems, and automated electri-
cal, mechanical, and optical test and inspection equip-
ment. The combination of our manufacturing strength
and our advanced manufacturing facilities allows ITT
to offer products at market driven prices. Our capabili-
ties, especially in robotics, computerized precision tool-
ing, Kaizen Project Management, Six Sigma tools, and
testing, give ITT the most optimized global manufac-
turing footprint in the interconnect industry.
The Custom Difference
As the industry leader in harsh environment intercon-
nect applications, ITT’s world class engineering teams
will work directly with our customers to design and
develop cost effective solutions for their applications.
In many cases we may modify one of our standard
designs to ensure a highly reliable solution where
timing is critical. Yet, in those cases where a complete
custom interconnect solution is required, ITT will work
with our customer’s Engineers to design an intercon-
nect solution which will be cost effective yet highly
reliable. As professional consultants, our Engineering
teams will provide a thorough systems and mechani-
cal analysis of any proposed solution. These analyses
provide our customers with sophisticated electrical
signal and mechanical characterizations to determine
the best solution for their application.
RoHS Compliance Information
ITT has implemented a strict parts control plan for all
ITT electronics plants worldwide that allows the
Cannon, VEAM, and BIW connector product portfolios
to meet the requirements of European Union Directive
2002/95/EC better know as the Reduction of
Hazardous Substances initiative. As appropriate,
specific Cannon, VEAM, and BIW products may be
ordered with an R prefix number which insures our
customers will receive RoHS compliant parts for their
commercial electronics applications and equipment.
Since most RoHS hazardous substances center around
specific metal plating and lead solder coatings, ITT's
products for RoHS compliance are available in the fol-
lowing plating finishes: black zincelectroless nickel,
stainless steel, Anodize over aluminum and Gold plat-
ing. It should be noted that gold plating would be rec-
ommended as the replacement for tin-lead solder
when ordering board mount connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com