Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 71 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 71 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 67Page - ITT Industries ISO15170 Datasheet HTML 68Page - ITT Industries ISO15170 Datasheet HTML 69Page - ITT Industries ISO15170 Datasheet HTML 70Page - ITT Industries ISO15170 Datasheet HTML 71Page - ITT Industries ISO15170 Datasheet HTML 72Page - ITT Industries ISO15170 Datasheet HTML 73Page - ITT Industries ISO15170 Datasheet HTML 74Page - ITT Industries ISO15170 Datasheet HTML 75Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
71
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
Tooling, 51-way
Hand Crimp Tool for Stamped and Formed Contacts
Contact
Hand Tool Order No.
Locator
0,35 - 0,75 mm2
121586-5156
consult factory
0,75 - 1,5 mm2
121586-5156
121586-5197
MiniApplications for Stamped and Formed Contacts
Contact
Order No.
Designation
0,35 - 0,75 mm2
121586-5131
WWZ-20-100-APK16-07-002
0,75 - 1,5 mm2
121586-5132
WWZ-20-100-APK16-15-002
Support Tools, 51-way
Designation
Order No.
AssemblyAdaptor for plug MA-APD-51-P
248-8653-064
AssemblyAdaptor for receptacle MA-APD-51-R
248-8619-011
Replacement Nut for MA-APD-51-R
217-8516-005
Assembly adaptor for plug MA-APD-51-P-SEC-LOCK
121586-5202
Assembly adaptor for receptacle MA-APD-51-R-SEC-LOCK 121586-5203
Assembly adaptor for Jam nut MA-APD-51-FL-SEC-LOCK 121586-5206
Unlocking Device
317-8875-054
Contact Insertion Tool CITAPK-16-15-C
121586-5200
Contact Extraction Tool CET-APK-16-C
121586-5195
Secondary Lock Set CET-ADP-51
121586-5259*
*For plug only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com