Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 63 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 63 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 59Page - ITT Industries ISO15170 Datasheet HTML 60Page - ITT Industries ISO15170 Datasheet HTML 61Page - ITT Industries ISO15170 Datasheet HTML 62Page - ITT Industries ISO15170 Datasheet HTML 63Page - ITT Industries ISO15170 Datasheet HTML 64Page - ITT Industries ISO15170 Datasheet HTML 65Page - ITT Industries ISO15170 Datasheet HTML 66Page - ITT Industries ISO15170 Datasheet HTML 67Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
63
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Derating Curve
CannonAPD / ISO 15170 Connectors
Plug, 51-way
44
Order No.
Designation
Code
Color
121583-0032
APD-1BP51
1
green (RAL 6018)
121583-0033
APD-2BP51
2
yellow (RAL 1018)
121583-0030
APD-3BP51
3
brown (RAL 3009)
121583-0031
APD-4BP51
4
purple (RAL 4001)
Pin crimp contacts see page 69.
Accessories, see page 70.
Note: Standard version requires use of alignment disc.
View on Mating Face
Note: The connectors offer both mechanical keying and visual coding by different colors.
Packaging unit 100 pcs.
Coding 51-way layout
1
24
16
3
9
30
49
36
43
8
29
15
23
37
42
48
2
51
8
29
15
23
2
37
42
4851
1
24
16
3
9
30
49
36
43
1
24
16
3
9
30
49
36
43
29
37
42
48
51
8
15
23
2
8
15
23
2
29
37
42
48
51
1
16
3
9
24
30
49
36
43
Code 1
green
Code 2
yellow
Code 3
brown
Code 4
purple
0
2
4
6
8
10
12
14
16
18
20
2030405060
708090
100
110120
130
Ambient Temperature [°C]
1: 1,5mm²
2: 0,75mm²
3: 0,35mm²
1
2
3
Plug, 51-way, Standard Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com