Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 55 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 55 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 51Page - ITT Industries ISO15170 Datasheet HTML 52Page - ITT Industries ISO15170 Datasheet HTML 53Page - ITT Industries ISO15170 Datasheet HTML 54Page - ITT Industries ISO15170 Datasheet HTML 55Page - ITT Industries ISO15170 Datasheet HTML 56Page - ITT Industries ISO15170 Datasheet HTML 57Page - ITT Industries ISO15170 Datasheet HTML 58Page - ITT Industries ISO15170 Datasheet HTML 59Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
55
www.ittcannon.com
Dimensions shown in mm
S pecifications and dimensions subject to change
Cannon APD / ISO 15170 Connectors
Technical Data, 37-way*
*Further information on request
APD 37-way is a highly reliable, cost effective multi-pin connector with
signal contacts (multi-layout power / signal on demand). It offers wire-
to-wire and wire-to-board connection solutions. According to ISO
15170, the connector is dedicated for harsh environmental usage.
Various customer specific designs (e.g. different coding) are possible.
Electrical Data
Mechanical Data
Environmental Data (acc. ISO 15170)
Materials List
Operating Voltage
48 VDC*
Operating Current
see derating curve
Contact Resistance
5 mΩ max.
Voltage Proof
1000 VAC, 60 seconds
Insulation Resistance
10 MΩ min.
Durability
20 Mating Cycles
Coupling Torque
4 Nmmax.
Static Load, free connector
250 N axial, 150 N lat. (ISO 15170-2, Sec. 4.5)
Dynamic Impact
Free fall with cable (EN 61984 Sec. A9, height 1m)
Temperature Range
-40 °C up to 125 °C (ISO 15170-2, Sec. 6.4)
Humidity Range
up to 95 % r.h. (ISO 15170-2, Sec. 6.4)
Sealing
IP 67 and IP 69K (DIN EN 60529)*
Salt Spray
96 h, 35 °C(ISO15170-2, Sec. 6.2)
Industrial Climate
SO2, 0,67 % (ISO 15170-2, Sec. 6.3)
Fluid Compatibility
Brakefluid, ATF, fuel, .. (ISO 15170-2, Sec. 6.6)*
Vibration Resistance
Sine, 300m/s², 3 x 100h, RT and 120°C (ISO 15170-2)*
Housing Parts
PA 66 GF
Sealing Parts
FKM (alternative FVMQ)
Coupling Nut
PA 6 GF
Contacts
CopperAlloy, AuorSnplated*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com