Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 33 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 33 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 29Page - ITT Industries ISO15170 Datasheet HTML 30Page - ITT Industries ISO15170 Datasheet HTML 31Page - ITT Industries ISO15170 Datasheet HTML 32Page - ITT Industries ISO15170 Datasheet HTML 33Page - ITT Industries ISO15170 Datasheet HTML 34Page - ITT Industries ISO15170 Datasheet HTML 35Page - ITT Industries ISO15170 Datasheet HTML 36Page - ITT Industries ISO15170 Datasheet HTML 37Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
33
www.ittcannon.com
CannonAPD / ISO 15170 Connectors
Accessories, 4-way
DustCapforReceptacle
Order No. 025-8636-005
Packaging unit 100 pcs.
Order No. 025-0480-000
Packaging unit 100 pcs.
Dust Cap for Plug
SealingCap for Receptacle
Designation
Order No.
APD-DP
121583-0021
Packaging unit 100 pcs.
APD-DP with rope, end link and eyelet
X = Total rope length upon request
Order number
120110-0026*
X~9cm
* for other lengths please consult the factory
∅ = 5,6 mm
90˚ Endbell for Flex Tube
Straight Endbell for Flex Tube
Order No. 058-8578-100 (ø 8,5 mm)
058-8578-102 (ø 10,0 mm)
Packaging unit 100 pcs.
Order No. 058-8578-101 (ø 8,5 mm)
058-8578-103 (ø 10,0 mm)
058-8578-105 (ø 11,0 mm)
Packaging unit 100 pcs.
Order No. 120110-0217
Packaging unit 100 pcs.
Note: All cavities closed, mates with 1-7-way APD versions.
Blind Socket for 1 / 2 / 4 / 6 / 7-way
Dimensions shown in mm
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com